Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WL40MW1VN-R Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # WL40MW1VN-R
Description  Wireless I/O WL40VN Series
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

WL40MW1VN-R Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  WL40MW1VN-R Datasheet HTML 1Page - M-System Co.,Ltd. WL40MW1VN-R Datasheet HTML 2Page - M-System Co.,Ltd. WL40MW1VN-R Datasheet HTML 3Page - M-System Co.,Ltd. WL40MW1VN-R Datasheet HTML 4Page - M-System Co.,Ltd. WL40MW1VN-R Datasheet HTML 5Page - M-System Co.,Ltd. WL40MW1VN-R Datasheet HTML 6Page - M-System Co.,Ltd. WL40MW1VN-R Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MODEL: WL40MW1VN
WL40MW1VN SPECIFICATIONS
ES-9118 Rev.0 Page 4/7
http://www.m-system.co.jp/
COMMUNICATION CABLE CONNECTIONS
■ WIRING CONNECTION WITH SLAVE DEVICES
DA
DB
DG
SLD
FE
WL40MW1VN
DA
DB
DG
SLD
FE
REMOTE UNIT
DA
DB
DG
SLD
FE
REMOTE UNIT
TERMINATOR
TERMINATOR
Note: Be sure to connect the terminating resistor included in the product package to the unit
at both ends of communication line.
The terminator must be connected across “DA” and “DB”.
*
* Connect SLD and FE for reducing noise interference if necessary.
TERMINAL ASSIGNMENTS
■ CONNECTORS FOR POWER INPUT
Unit side connector: MSTBV2,5/5-GF-5,08AU (Phoenix Contact)
Cable side connector: TFKC2,5/5-STF-5,08AU (Phoenix Contact)
• Power input code: R (24 V DC)
• Power input code: S (12 V DC)
24V
0V
NC
NC
FE1
ID
FUNCTION
12V
0V
NC
NC
FE1
ID
FUNCTION
24V
Power input 24 V
12V
Power input 12 V
0V
Power input 0 V
0V
Power input 0 V
NC
Not used
NC
Not used
NC
Not used
NC
Not used
FE1
Power input earth
FE1
Power input earth
■ CONNECTOR FOR RS-485 COMMUNICATION
Unit side connector: MC1,5/5-GF-3,5 (Phoenix Contact)
Cable side connector: TFMC1,5/5-STF-3,5 (Phoenix Contact)
DA
DB
DG
SLD
FE
ID
FUNCTION
DA
DA
DB
DB
DG
DG
SLD
Shield
FE
Functional earth



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com