Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WL40EW2VN-R Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # WL40EW2VN-R
Description  Wireless I/O WL40VN Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

WL40EW2VN-R Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  WL40EW2VN-R Datasheet HTML 1Page - M-System Co.,Ltd. WL40EW2VN-R Datasheet HTML 2Page - M-System Co.,Ltd. WL40EW2VN-R Datasheet HTML 3Page - M-System Co.,Ltd. WL40EW2VN-R Datasheet HTML 4Page - M-System Co.,Ltd. WL40EW2VN-R Datasheet HTML 5Page - M-System Co.,Ltd. WL40EW2VN-R Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MODEL: WL40EW2VN
WL40EW2VN SPECIFICATIONS
ES-9117 Rev.0 Page 3/6
http://www.m-system.co.jp/
WEB BROWSER SETTING
With Web browser, settings shown below are available.
Refer to the operating manual (EM-9115-B) for detailed settings.
■ TCP / IP SETTING
ITEM
SETTING RANGE
DEFAULT
IP address
1.0.0.0 – 223.255.255.255
192.168.0.1
Subnet mask
224.0.0.0 – 255.255.255.255
255.255.255.0
Default gateway
0.0.0.0 – 255.255.255.255
0.0.0.0
■ MODBUS / TCP SETTING
ITEM
SETTING RANGE
DEFAULT
Port
1 – 65535
502
Modbus exception response
Not return 06 (BUSY), 0B (ERROR) /
Return 06 (BUSY), 0B (ERROR)
Return 06 (BUSY), 0B (ERROR)
Communication timeout
1 – 60 (min.)
1 (min.)
■ WIRELESS SETTING
ITEM
SETTING RANGE
DEFAULT
PAN ID (group number)
0000 – FFFE (hexadecimal, 4 digits)
0000
Radio channel number
1 – 7 ch
1 ch
Network name
English one-byte characters within 16 characters
(one-byte space, “-”, “_”, “.”, “@” are usable.)
MH920
Encryption key
0000...0 – FFFF...F
(hexadecimal, 32 digits)
0000...0
Pre x
2000:0000:0000:0000 – 3FFF:FFFF:FFFF:FFFF
2000:0000:0000:0000
Monitoring unit time of 1% duty (sec.)
10 – 3600 (sec.)
1800 (sec.)
Transmitter power output
0.16mW / 1mW / 20mW
20mW
Device type in a network,
Number of devices in a network
Child ( xed), 1 to 30 devices /
Child ( xed), 31 to 60 devices /
Child ( xed), 61 to 100 devices /
Child ( xed) + child (moving)
Child ( xed), 1 to 30 devices
Set network quality
Standard (recommended) /
Frequency of route switching and delay (higher) /
Frequency of route switching and delay (highest)
Standard (recommended)
Network join mode
V3-compatible mode / Fast join mode
V3-compatible mode
Packet ltering
None / Yes (polling type)
Yes (polling type)
Filter timeout on polling
1.0 – 60.0 (sec.)
4.0 (sec.)
Setting mode of short address
Range mode: 1 device (max. multi drop number)
Range mode: 1 to 4 devices (max. multi drop number)
Range mode: 1 to 8 devices (max. multi drop number)
Range mode: 1 to 16 devices (max. multi drop number)
Range mode: 1 to 31 devices (max. multi drop number)
List mode
List mode
920Run timeout
0.0 – 3200.0 (sec.)
5.0 (sec.)
Retry times before route switching
Once / Twice / Three times
Three times
Short address list setting
Short address
—
MAC address list setting
MAC address
—
Connection refusal list setting
MAC address
—
Note: For version confirmation of communication module, refer to the operating manual (EM-9115-B).



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com