Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WL40EW2VN-R Datasheet(PDF) 6 Page - M-System Co.,Ltd.

Part # WL40EW2VN-R
Description  Wireless I/O WL40VN Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

WL40EW2VN-R Datasheet(HTML) 6 Page - M-System Co.,Ltd.

  WL40EW2VN-R Datasheet HTML 1Page - M-System Co.,Ltd. WL40EW2VN-R Datasheet HTML 2Page - M-System Co.,Ltd. WL40EW2VN-R Datasheet HTML 3Page - M-System Co.,Ltd. WL40EW2VN-R Datasheet HTML 4Page - M-System Co.,Ltd. WL40EW2VN-R Datasheet HTML 5Page - M-System Co.,Ltd. WL40EW2VN-R Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
MODEL: WL40EW2VN
WL40EW2VN SPECIFICATIONS
ES-9117 Rev.0 Page 6/6
http://www.m-system.co.jp/
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
Two-way
wireless circuit
LED
Control
Circuit
Reset Switch
Power Input
Maintenance
Connector
To Other
Ethernet Devices
* Power input defers depending on the power input code you select.
RJ-45 Modular Jack
USB Connector
Antenna Connector
NC
NC
FE1
0V
24V*
Isolation
Communication
Circuit
SYSTEM CONFIGURATION EXAMPLES
LAN cable
(STP cable)
PC
Modbus /Master
Wireless gateway
(model: WL40EW2VN)
Wireless gateway
(model: WL40MW1VN)
Slave Device
Slave Device
Slave Device
MAX. 31
RS-485
PC side as Modbus/Master communicates with child devices via wireless module using Modbus/TCP and RTU protocol,
and also communicates with slave devices in multi drop connection (RS-485).
Specifications are subject to change without notice.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com