Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WL40EW2VN-S/Q Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # WL40EW2VN-S/Q
Description  Wireless I/O WL40VN Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

WL40EW2VN-S/Q Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  WL40EW2VN-S/Q Datasheet HTML 1Page - M-System Co.,Ltd. WL40EW2VN-S/Q Datasheet HTML 2Page - M-System Co.,Ltd. WL40EW2VN-S/Q Datasheet HTML 3Page - M-System Co.,Ltd. WL40EW2VN-S/Q Datasheet HTML 4Page - M-System Co.,Ltd. WL40EW2VN-S/Q Datasheet HTML 5Page - M-System Co.,Ltd. WL40EW2VN-S/Q Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MODEL: WL40EW2VN
WL40EW2VN SPECIFICATIONS
ES-9117 Rev.0 Page 1/6
http://www.m-system.co.jp/
Wireless I/O WL40VN Series
WIRELESS GATEWAY
(Modbus/TCP, Modbus-RTU Transparent 920MHz Band
Wireless Device (parent device) for Vietnam)
60 (2.36)
[260
(10.24)]
155 (6.10)
mm (inch)
MODEL: WL40EW2VN-[1][2]
ORDERING INFORMATION
• Code number: WL40EW2VN-[1][2]
Specify a code from below for each of [1] and [2].
(e.g. WL40EW2VN-R/E/Q)
• Specify the specification for option code /Q
(e.g. /C01)
[1] POWER INPUT
DC Power
S: 12 V DC
(Operational voltage range 12 V ±10 %, ripple 10 %p-p max.)
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
[2] OPTIONS (multiple selections)
Antenna
/S: Sleeve antenna
/E: Rooftop antenna
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
FUNCTIONS & FEATURES
This unit
• Incorporates 920MHz band wireless module with RS-485
transparent type, which can communicate using Modbus-
RTU protocol.
• Converts Modbus-RTU (RS-485) and Modbus/TCP
(Ethernet) protocol.
For use in Vietnam only.
RELATED PRODUCTS
For related products of wireless device, refer to M-System's
web site.
Maintenance software
Maintenance console: MH920 Console International (model:
MH920CI) (OKI)
(Maintenance software is downloadable at M-System’s web
site.)
Coaxial cable
• 7.5 m extension cable for rooftop antenna (model: CX-
SAC0SAD0Q0750) (OKI)
Using 7.5 m coaxial cable for extension decreases
transmission distance.
GENERAL SPECIFICATIONS
Connection
Wireless network: SMA coaxial connector
Power supply: Tension clamp (Front Twinconnection)
Applicable wire size: 0.2 - 2.5 mm2, stripped length 10 mm
Ethernet: RJ-45 Modular Jack
Maintenance: Mini USB type B female connector
Housing material: Flame-resistant resin
Isolation: Power supply to Ethernet or FE1 to antenna
connector
Switch: IP Reset
Refer to the instruction manual for details.
Indicator LED: Power


Similar Part No. - WL40EW2VN-S/Q

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
WL40EW2F MSYSTEM-WL40EW2F Datasheet
575Kb / 7P
Wireless I/O WL40F Series WIRELESS GATEWAY
WL40EW2F-R MSYSTEM-WL40EW2F-R Datasheet
575Kb / 7P
Wireless I/O WL40F Series WIRELESS GATEWAY
WL40EW2F-R/E MSYSTEM-WL40EW2F-R/E Datasheet
575Kb / 7P
Wireless I/O WL40F Series WIRELESS GATEWAY
WL40EW2F-R/Q MSYSTEM-WL40EW2F-R/Q Datasheet
575Kb / 7P
Wireless I/O WL40F Series WIRELESS GATEWAY
WL40EW2F-R/S MSYSTEM-WL40EW2F-R/S Datasheet
575Kb / 7P
Wireless I/O WL40F Series WIRELESS GATEWAY
More results

Similar Description - WL40EW2VN-S/Q

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
WISE-4012 ADVANTECH-WISE-4012 Datasheet
137Kb / 1P
IoT Wireless I/O Module
logo
M-System Co.,Ltd.
WL40EW2TH MSYSTEM-WL40EW2TH Datasheet
572Kb / 6P
Wireless I/O WL40TH Series WIRELESS GATEWAY
WL40EW2KR MSYSTEM-WL40EW2KR Datasheet
573Kb / 6P
Wireless I/O WL40KR Series WIRELESS GATEWAY
WL40EW2F MSYSTEM-WL40EW2F Datasheet
575Kb / 7P
Wireless I/O WL40F Series WIRELESS GATEWAY
WL40W1F-DS2 MSYSTEM-WL40W1F-DS2 Datasheet
574Kb / 7P
Wireless I/O WL40F Series
WL40W1F-DAC4A MSYSTEM-WL40W1F-DAC4A Datasheet
607Kb / 7P
Wireless I/O WL40F Series
WL40MW1VN MSYSTEM-WL40MW1VN Datasheet
679Kb / 7P
Wireless I/O WL40VN Series
WL40MW1TH MSYSTEM-WL40MW1TH Datasheet
676Kb / 6P
Wireless I/O WL40TH Series
WL40MW1KR MSYSTEM-WL40MW1KR Datasheet
676Kb / 6P
Wireless I/O WL40KR Series
WL40MW1F MSYSTEM-WL40MW1F Datasheet
678Kb / 7P
Wireless I/O WL40F Series
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com