Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WL40EW2VN-S/Q Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # WL40EW2VN-S/Q
Description  Wireless I/O WL40VN Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

WL40EW2VN-S/Q Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  WL40EW2VN-S/Q Datasheet HTML 1Page - M-System Co.,Ltd. WL40EW2VN-S/Q Datasheet HTML 2Page - M-System Co.,Ltd. WL40EW2VN-S/Q Datasheet HTML 3Page - M-System Co.,Ltd. WL40EW2VN-S/Q Datasheet HTML 4Page - M-System Co.,Ltd. WL40EW2VN-S/Q Datasheet HTML 5Page - M-System Co.,Ltd. WL40EW2VN-S/Q Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MODEL: WL40EW2VN
WL40EW2VN SPECIFICATIONS
ES-9117 Rev.0 Page 2/6
http://www.m-system.co.jp/
COMMUNICATION
■ Common spec.
Modbus protocol
Protocol: Modbus/TCP
Data: RTU (Binary)
Port No.: 502
Max. number of socket connections: 8
IP address: 192.168.0.1
(factory setting; can be changed via web browser)
■ Ethernet
Communication Standard: IEEE 802.3u
Transmission: 10BASE-T, 100BASE-TX
Baud rate: 10/100 Mbps (Auto Negotiation function)
Transmission media: 10BASE-T (STP, Category 5) 100BASE-
TX (STP, Category 5e)
Max. length of fieldbus segment: 100 meters
Ethernet indicator LED: Link, Link100
WIRELESS SPECIFICATIONS
Communication Standard: IEEE 802.15.4g
Frequency: 920MHz band (918.4 - 922.4 MHz)
Max. Transmission power: 20mW
Bandwidth: 400 kHz
Modulation: GFSK
Baud rate: Max. 100 kbps
Channels: 1 to 7ch
Security: 128bit AES
Indicator LEDs: 920Run, 920Link
Number of child devices: Max. 100
Protocol: Modbus-RTU
Communication module: Coordinator module incorporated
(Oki Electric Industry Co., Ltd. )
Radio parameters setting: by Web browser
Max. transmission distance (optical): Approx. 1 km
Antenna
•Sleeve antenna (Model: MH920-ANT-F (S))
Indoor use
Non-waterproof
Non-directional
Gain: 3.0dBi max.
•Rooftop antenna (Model: MH920-ANT-F (R))
Outdoor/indoor use
Cable length: 2.5 m
Waterproof performance: IPx6 (except connector)
Non-directional
Gain: 2.0dBi max.
INSTALLATION
Current consumption:
24 V DC: ≤ 90 mA
12 V DC: ≤170 mA
Operating temperature: -20 to +60°C (-4 to +140°F)
Operating humidity: 10 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: DIN rail
Weight
Unit: Approx. 270 g (0.60 lb)
Sleeve antenna (standard): 27 g (0.95 oz)
Rooftop antenna: 52 g (1.83 oz)
PERFORMANCE
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @ 1 minute
(power input to Ethernet or FE1 to antenna connector)
STANDARDS & APPROVALS
QCVN 47: 2015 / BTTTT
QCVN 96: 2015 / BTTTT



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com