Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS650-40 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS650-40
Description  ETHERNET SWITCH CLOCK SOURCE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS650-40 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS650-40 Datasheet HTML 1Page - Integrated Circuit Systems ICS650-40 Datasheet HTML 2Page - Integrated Circuit Systems ICS650-40 Datasheet HTML 3Page - Integrated Circuit Systems ICS650-40 Datasheet HTML 4Page - Integrated Circuit Systems ICS650-40 Datasheet HTML 5Page - Integrated Circuit Systems ICS650-40 Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ETHERNET SWITCH CLOCK SOURCE
MDS 650-40 C
3
Revision 060705
In te gr ated Circuit Systems ● 525 Ra ce Street, San Jose, CA 9512 6 ● tel (4 08) 297-1 201 ● www.icst.com
ICS650-40
External Components
A minimum number of external components are required for proper operation. Decoupling capacitors of
0.01
µF should be connected between VDD and GND pairs. The capacitors should be placed between pins
VDD and GND, and VDDO and GND, as close to the device as possible. A 33
Ω series terminating resistor
should be used on each clock output if the trace is longer than 1 inch. A 25 MHz fundamental mode parallel
resonant crystal should be used with CL=18 pF.
On chip capacitors. On Chip capacitors are used for a 18 pF load crystal. Small 2 to 3 pf trimming
capacitors are used from pins X1 to ground and X2 to ground to optimize the initial accuracy.
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the ICS650-40. These ratings,
which are standard values for ICS commercially rated parts, are stress ratings only. Functional operation of
the device at these or any other conditions above those indicated in the operational sections of the
specifications is not implied. Exposure to absolute maximum rating conditions for extended periods can
affect product reliability. Electrical parameters are guaranteed only over the recommended operating
temperature range.
Recommended Operation Conditions
Item
Rating
Supply Voltage, VDD
7 V
All Inputs and Outputs
-0.5 V to VDD+0.5 V
Ambient Operating Temperature
0 to +70
°C
Storage Temperature
-65 to +150
°C
Junction Temperature
125
°C
Soldering Temperature
260
°C
Parameter
Min.
Typ.
Max.
Units
Ambient Operating Temperature
0
+70
°C
Power Supply Voltage (measured in respect to GND)
+3.15
+3.45
V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com