Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS650-40 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS650-40
Description  ETHERNET SWITCH CLOCK SOURCE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS650-40 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS650-40 Datasheet HTML 1Page - Integrated Circuit Systems ICS650-40 Datasheet HTML 2Page - Integrated Circuit Systems ICS650-40 Datasheet HTML 3Page - Integrated Circuit Systems ICS650-40 Datasheet HTML 4Page - Integrated Circuit Systems ICS650-40 Datasheet HTML 5Page - Integrated Circuit Systems ICS650-40 Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ETHERNET SWITCH CLOCK SOURCE
MDS 650-40 C
4
Revision 060705
In te gr ated Circuit Systems ● 525 Ra ce Street, San Jose, CA 9512 6 ● tel (4 08) 297-1 201 ● www.icst.com
ICS650-40
DC Electrical Characteristics
Unless otherwise specified, VDD=3.3 V ±5%, Ambient Temperature 0 to +70
°C
Note: 1. Nominal switching threshold is VDD/2.
AC Electrical Characteristics
, VDD = 3.3 V ±5%, VDDO = 2.5 - 3.3 V ±5%, CL=10 pF Ambient Temperature 0 to +70° C
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Voltage
VDD
3.15
3.45
V
Output Operating Voltage
VDDOA,B
2.375
3.45
V
Input High Voltage, ICLK
VIH
Note 1
VDD/2+0.5
V
Input Low Voltage, ICLK
VIL
Note 1
VDD/2-0.5
V
Input High Voltage, S1:S0:OE
VIH
2VDD
V
Input Low Voltage, S1:S0:OE
VIL
0.4
V
Output High Voltage
VOH
IOH = -12 mA
2
V
Output Low Voltage
VOL
IOL = 12 mA
0.4
V
Operating Supply Current
IDD
No load
40
mA
IDD at Output Disable
Condition(OE low)
No load
16
mA
Short Circuit Current
IOS
Each output
±35
mA
Internal Pull-up Resistor
RPUP
OE pin
250
k
Ω
Internal Pull-down Resistor
RPD
CLK outputs
525
k
Ω
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input Frequency
25
MHz
Output Rise Time
tOR
20% to 80% of VDD
1.6
ns
Output Fall Time
tOF
80% to 20% of VDD
1.6
ns
Output Clock Duty Cycle
at VDD/2
40
49-51
60
%
Frequency Error
all clocks
0
ppm
Output to Output Skew
between clocks of the same
frequency
250
ps
Absolute Jitter, Short-term P-P
variation from mean
±100
±200
ps
Absolute Jitter, Short-term C-C
200
400
ps
Long-term Jitter
1000 clock cycles
250
400
ps



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com