Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUCM3029-1BCPZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADUCM3029-1BCPZ-R7
Description  Ultra Low Power Arm Cortex-M3 MCU with Integrated Power Management
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM3029-1BCPZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADUCM3029-1BCPZ-R7 Datasheet HTML 11Page - Analog Devices ADUCM3029-1BCPZ-R7 Datasheet HTML 12Page - Analog Devices ADUCM3029-1BCPZ-R7 Datasheet HTML 13Page - Analog Devices ADUCM3029-1BCPZ-R7 Datasheet HTML 14Page - Analog Devices ADUCM3029-1BCPZ-R7 Datasheet HTML 15Page - Analog Devices ADUCM3029-1BCPZ-R7 Datasheet HTML 16Page - Analog Devices ADUCM3029-1BCPZ-R7 Datasheet HTML 17Page - Analog Devices ADUCM3029-1BCPZ-R7 Datasheet HTML 18Page - Analog Devices ADUCM3029-1BCPZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 39 page
background image
Data Sheet
ADuCM3027/ADuCM3029
Rev. B | Page 15 of 39
ABSOLUTE MAXIMUM RATINGS
Table 18.
Parameter
Rating
Supply
VBAT_ANA1, VBAT_ANA2, VBAT_ADC,
VBAT_DIG1, VBAT_DIG2, and
VREF_ADC
−0.3 V to +3.6 V
Analog
VDCDC_CAP1N, VDCDC_CAP1P,
VDCDC_OUT, VDCDC_CAP2N, and
VDCDC_CAP2P
−0.3 V to +3.6 V
VLDO_OUT, SYS_HFXTAL_IN, SYS_
HFXTAL_OUT, SYS_LFXTAL_IN, and
SYS_LFXTAL_OUT
−0.3 V to +1.32 V
Digital Input/Output
P0_xx, P1_xx, P2_xx, and SYS_HWRST
−0.3 V to +3.6 V
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to
PCB thermal design is required. θJA can be used for a first-order
approximation of TJ by the following equation:
TJ = TA + (θJA × PD)
where:
TJ is junction temperature (°C).
TA is ambient temperature (°C).
PD is power dissipation (to calculate power dissipation).
Table 19. Thermal Resistance
Package Type
θJA
θJC
Unit
CP-64-16
26.3
1.0
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com