Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUCM3029-1BCPZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADUCM3029-1BCPZ-R7
Description  Ultra Low Power Arm Cortex-M3 MCU with Integrated Power Management
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM3029-1BCPZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADUCM3029-1BCPZ-R7 Datasheet HTML 14Page - Analog Devices ADUCM3029-1BCPZ-R7 Datasheet HTML 15Page - Analog Devices ADUCM3029-1BCPZ-R7 Datasheet HTML 16Page - Analog Devices ADUCM3029-1BCPZ-R7 Datasheet HTML 17Page - Analog Devices ADUCM3029-1BCPZ-R7 Datasheet HTML 18Page - Analog Devices ADUCM3029-1BCPZ-R7 Datasheet HTML 19Page - Analog Devices ADUCM3029-1BCPZ-R7 Datasheet HTML 20Page - Analog Devices ADUCM3029-1BCPZ-R7 Datasheet HTML 21Page - Analog Devices ADUCM3029-1BCPZ-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 39 page
background image
ADuCM3027/ADuCM3029
Data Sheet
Rev. B | Page 18 of 39
ADuCM3027/ADuCM3029/
ADuCM3029-1/ADuCM3029-2
TOP VIEW
(Not to Scale)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
VBAT_ANA1
SYS_HFXTAL_IN
SYS_HFXTAL_OUT
SYS_LFXTAL_IN
SYS_LFXTAL_OUT
VDCDC_CAP1N
VDCDC_CAP1P
VBAT_ANA2
VDCDC_OUT
VDCDC_CAP2N
VDCDC_CAP2P
VLDO_OUT
VREF_ADC
VBAT_ADC
GND_VREFADC
P2_03
NOTES
1. EXPOSED PAD. THE EXPOSED PAD MUST BE GROUNDED.
GND_DIG
P1_00
P0_14
P2_02
P1_14
P1_13
P1_12
P1_11
P0_08
P0_09
P1_01
P1_15
P2_00
P0_12
VBAT_DIG1
P2_11
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
Figure 15. ADuCM3027/ADuCM3029/ADuCM3029-1/ADuCM3029-2 64-Lead LFCSP Configuration
Table 21. ADuCM3027/ADuCM3029/ADuCM3029-1/ADuCM3029-2, 64-Lead LFCSP Pin Function Descriptions
Pin No.
Mnemonic
Signal Name
Description
1
VBAT_ANA1
Not applicable
External Supply for Analog Circuits in the MCU.
2
SYS_HFXTAL_IN
Not applicable
High Frequency Crystal Input.
3
SYS_HFXTAL_OUT
Not applicable
High Frequency Crystal Output.
4
SYS_LFXTAL_IN
Not applicable
Low Frequency Crystal Input.
5
SYS_LFXTAL_OUT
Not applicable
Low Frequency Crystal Output.
6
VDCDC_CAP1N
Not applicable
Buck Converter Capacitor 1 Negative Terminal.
7
VDCDC_CAP1P
Not applicable
Buck Converter Capacitor 1 Positive Terminal.
8
VBAT_ANA2
Not applicable
External Supply for Analog Circuits in the MCU
9
VDCDC_OUT
Not applicable
Buck Converter Output. This pin is only for connecting the decoupling
capacitor. Do not connect this pin to the external load.
10
VDCDC_CAP2N
Not applicable
Buck Converter Capacitor 2 Negative Terminal.
11
VDCDC_CAP2P
Not applicable
Buck Converter Capacitor 2 Positive Terminal.
12
VLD0_OUT
Not applicable
Low Drop Out Regulator Output. This pin is only for connecting the
decoupling capacitor. Do not connect this pin to the external load.
13
VREF_ADC
Not applicable
External Reference Voltage for Internal ADC.
14
VBAT_ADC
Not applicable
External Supply for Internal ADC.
15
GND_VREFADC
Not applicable
Ground for Internal ADC.
16
P2_03
ADC0_VIN0/GPIO35
GPIO. See the GPIO Multiplexing section.
17
P2_04
ADC0_VIN1/GPIO36
GPIO. See the GPIO Multiplexing section.
18
P2_05
ADC0_VIN2/GPIO37
GPIO. See the GPIO Multiplexing section.
19
P2_06
ADC0_VIN3/GPIO38
GPIO. See the GPIO Multiplexing section.
20
P2_07
ADC0_VIN4/SPI2_CS3/GPIO39
GPIO. See the GPIO Multiplexing section.
21
P2_08
ADC0_VIN5/SPI0_CS2/GPIO40
GPIO. See the GPIO Multiplexing section.
22
P2_09
ADC0_VIN6/SPI0_CS3/GPIO41
GPIO. See the GPIO Multiplexing section.
23
P2_10
ADC0_VIN7/SPI2_CS2/GPIO42
GPIO. See the GPIO Multiplexing section.
24
P0_05
I2C0_SDA/GPIO05
GPIO. See the GPIO Multiplexing section.
25
SYS_HWRST
Not applicable
Hardware Reset Pin.
26
P0_04
I2C0_SCL/GPIO04
GPIO. See the GPIO Multiplexing section.
27
P0_07
GPIO07/SWD0_DATA
GPIO. See the GPIO Multiplexing section.
28
P0_06
GPIO06/SWD0_CLK
GPIO. See the GPIO Multiplexing section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com