Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUCM3029-2BCPZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADUCM3029-2BCPZ-R7
Description  Ultra Low Power Arm Cortex-M3 MCU with Integrated Power Management
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM3029-2BCPZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADUCM3029-2BCPZ-R7 Datasheet HTML 1Page - Analog Devices ADUCM3029-2BCPZ-R7 Datasheet HTML 2Page - Analog Devices ADUCM3029-2BCPZ-R7 Datasheet HTML 3Page - Analog Devices ADUCM3029-2BCPZ-R7 Datasheet HTML 4Page - Analog Devices ADUCM3029-2BCPZ-R7 Datasheet HTML 5Page - Analog Devices ADUCM3029-2BCPZ-R7 Datasheet HTML 6Page - Analog Devices ADUCM3029-2BCPZ-R7 Datasheet HTML 7Page - Analog Devices ADUCM3029-2BCPZ-R7 Datasheet HTML 8Page - Analog Devices ADUCM3029-2BCPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
Data Sheet
ADuCM3027/ADuCM3029
Rev. B | Page 3 of 39
GENERAL DESCRIPTION
The ADuCM3027/ADuCM3029 microcontroller units (MCUs)
are ultra low power microcontroller systems with integrated
power management for processing, control, and connectivity.
The MCU system is based on the ARM® Cortex®-M3 processor,
a collection of digital peripherals, embedded SRAM and flash
memory, and an analog subsystem which provides clocking,
reset, and power management capability in addition to an
analog-to-digital converter (ADC) subsystem. For a feature
comparison across the ADuCM3027/ADuCM3029 product
offerings, see Table 1.
Table 1. Product Flash Memory Options
Device
Embedded Flash Memory Size
ADuCM3029
256 kB
ADuCM3027
128 kB
System features that are common across the ADuCM3027/
ADuCM3029/ADuCM3029-1/ADuCM3029-2 MCUs include
the following:
•
Up to 26 MHz ARM Cortex-M3 processor
•
Up to 256 kB of embedded flash memory with error
correction code (ECC)
•
Optional 4 kB cache for lower active power
•
64 kB system SRAM with parity
•
Power management unit (PMU)
•
Multilayer advanced microcontroller bus architecture
(AMBA) bus matrix
•
Central direct memory access (DMA) controller
•
Beeper interface
•
Serial port (SPORT), serial peripheral interface (SPI),
inter-integrated circuit (I2C), and universal asynchronous
receiver/transmitter (UART) peripheral interfaces
•
Cryptographic hardware support with advanced encryption
standard (AES) and secure hash algorithm (SHA)-256
•
Real-time clock (RTC)
•
General-purpose and watchdog timers
•
Programmable general-purpose input/output (GPIO) pins
•
Hardware cyclic redundancy check (CRC) calculator with
programmable generator polynomial
•
Power-on reset (POR) and power supply monitor (PSM)
•
12-bit successive approximation register (SAR) ADC
•
True random number generator (TRNG)
To support low dynamic and hibernate power management, the
ADuCM3027/ADuCM3029 MCUs provide a collection of
power modes and features, such as dynamic and software
controlled clock gating and power gating.
The ADuCM3029-1 and ADuCM3029-2 MCU models share the
same features and functionality as that of the ADuCM3029 MCU.
All specifications pertaining to the ADuCM3027 and
ADuCM3029 are also applicable to the ADuCM3029-1 and
ADuCM3029-2.
For full details on the ADuCM3027/ADuCM3029 MCUs, refer to
the ADuCM302x Ultra Low Power ARM Cortex-M3 MCU with
Integrated Power Management Hardware Reference Manual.
PRODUCT HIGHLIGHTS
1. Industry leading ultralow power consumption.
2. Robust operation, including full voltage monitoring in
deep sleep modes, ECC support on flash, and parity error
detection on SRAM memory.
3. Leading edge security. Fast encryption provides read
protection to customer algorithms. Write protection
prevents device reprogramming by unauthorized code.
4. Failure detection of 32 kHz LFXTAL via interrupt.
5. SensorStrobe™ for precise time synchronized sampling of
external sensors. Works in hibernate mode, resulting in
drastic current reduction in system solutions. Current
consumption reduces by 10 times when using, for example,
the ADXL363 accelerometer. Software intervention is not
required after setup. No pulse drift due to software execution.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com