Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUCM3029-2BCPZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADUCM3029-2BCPZ-R7
Description  Ultra Low Power Arm Cortex-M3 MCU with Integrated Power Management
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM3029-2BCPZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADUCM3029-2BCPZ-R7 Datasheet HTML 3Page - Analog Devices ADUCM3029-2BCPZ-R7 Datasheet HTML 4Page - Analog Devices ADUCM3029-2BCPZ-R7 Datasheet HTML 5Page - Analog Devices ADUCM3029-2BCPZ-R7 Datasheet HTML 6Page - Analog Devices ADUCM3029-2BCPZ-R7 Datasheet HTML 7Page - Analog Devices ADUCM3029-2BCPZ-R7 Datasheet HTML 8Page - Analog Devices ADUCM3029-2BCPZ-R7 Datasheet HTML 9Page - Analog Devices ADUCM3029-2BCPZ-R7 Datasheet HTML 10Page - Analog Devices ADUCM3029-2BCPZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
Data Sheet
ADuCM3027/ADuCM3029
Rev. B | Page 7 of 39
ADC SPECIFICATIONS
Table 7.
Parameter1, 2
Min
Typ3
Max
Unit
Test Conditions/Comments
INTEGRAL NONLINEARITY ERROR
64-Lead LFCSP
±1.6
LSB
1.8 V (VBAT)/1.25 V (internal/external VREF)4
64-Lead LFCSP
±1.4
LSB
3.0 V (VBAT)/2.5 V (internal/external VREF)4
54-Ball WLCSP
±1.8
LSB
1.8 V (VBAT)/1.25 V (internal/external VREF)4
DIFFERENTIAL NONLINEARITY ERROR
64-Lead LFCSP
−0.7 to +1.15
LSB
1.8 V (VBAT)/1.25 V (internal/external VREF)4
64-Lead LFCSP
−0.7 to +1.1
LSB
3.0 V (VBAT)/2.5 V (internal/external VREF)4
54-Ball WLCSP
−0.75 to +1.2
LSB
1.8 V (VBAT)/1.25 V (internal/external VREF)4
OFFSET ERROR
64-Lead LFCSP
±0.5
LSB
1.8 V (VBAT)/1.25 V (external VREF)4
64-Lead LFCSP
±0.5
LSB
3.0 V (VBAT)/2.5 V (external VREF)4
54-Ball WLCSP
±0.5
LSB
1.8 V (VBAT)/1.25 V (external VREF)4
GAIN ERROR
64-Lead LFCSP
±2.5
LSB
1.8 V (VBAT)/1.25 V (external VREF)4
64-Lead LFCSP
±0.5
LSB
3.0 V (VBAT)/2.5 V (external VREF)4
54-Ball WLCSP
±3.0
LSB
1.8 V (VBAT)/1.25 V (external VREF)4
VBAT_ADC CURRENT (IVBAT_ADC)5
64-Lead LFCSP
104
μA
1.8 V (VBAT)/1.25 V (internal VREF)6
64-Lead LFCSP
131
μA
3.0 V (VBAT)/2.5 V (internal VREF)6
54-Ball WLCSP
108
μA
1.8 V (VBAT)/1.25 V (internal VREF)6
INTERNAL REFERENCE VOLTAGE
1.25
V
Internal reference, 1.25 V selected
2.50
V
Internal reference, 2.5 V selected
INTEGRAL NONLINEARITY ERROR
64-Lead LFCSP
1.22
1.25
1.275
V
1.25 V (internal)7
64-Lead LFCSP
2.45
2.5
2.545
V
2.5 V (internal)
54-Ball WLCSP
1.22
1.25
1.275
V
1.25 V (internal)
54-Ball WLCSP
2.45
2.5
2.545
V
2.5 V (internal)
ADC SAMPLING FREQUENCY (fS)8
0.01
1.8
MSPS
1 The ADC is characterized in standalone mode without core activity and minimal or no switching on the adjacent ADC channels and digital inputs/outputs.
2 The specifications are characterized after performing internal ADC offset calibration.
3 TJ = 25°C.
4 fIN = 1068 Hz, fS = 100 kSPS, internal reference in low power mode, 400,000 samples end point method used.
5 Current consumption from VBAT_ADC supply when ADC is performing the conversion.
6 fIN = 1068 Hz, fS = 100 kSPS, internal reference in low power mode.
7 No load current, CL = 0.1 μF and 4.7 μF, reference buffer low power mode is enabled.
8 Effects of analog source impedance must be considered when selecting ADC sampling frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com