Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8530DYI01 Datasheet(PDF) 16 Page - Integrated Circuit Systems

Part # ICS8530DYI01
Description  LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8530DYI01 Datasheet(HTML) 16 Page - Integrated Circuit Systems

Back Button ICS8530DYI01 Datasheet HTML 9Page - Integrated Circuit Systems ICS8530DYI01 Datasheet HTML 10Page - Integrated Circuit Systems ICS8530DYI01 Datasheet HTML 11Page - Integrated Circuit Systems ICS8530DYI01 Datasheet HTML 12Page - Integrated Circuit Systems ICS8530DYI01 Datasheet HTML 13Page - Integrated Circuit Systems ICS8530DYI01 Datasheet HTML 14Page - Integrated Circuit Systems ICS8530DYI01 Datasheet HTML 15Page - Integrated Circuit Systems ICS8530DYI01 Datasheet HTML 16Page - Integrated Circuit Systems ICS8530DYI01 Datasheet HTML 17Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
8530DYI-01
www.icst.com/products/hiperclocks.html
REV. A FEBRUARY 25, 2005
16
Integrated
Circuit
Systems, Inc.
ICS8530I-01
LOW SKEW, 1-TO-16
DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
PRELIMINARY
TABLE 8. PACKAGE DIMENSIONS
PACKAGE OUTLINE - Y SUFFIX FOR 48 LEAD TQFP, E-PAD
Reference Document: JEDEC Publication 95, MS-026
N
O
I
T
A
I
R
A
V
C
E
D
E
J
S
R
E
T
E
M
I
L
L
I
M
N
I
S
N
O
I
S
N
E
M
I
D
L
L
A
L
O
B
M
Y
S
D
H
-
C
B
A
M
U
M
I
N
I
ML
A
N
I
M
O
NM
U
M
I
X
A
M
N
8
4
A
-
--
-0
2
.
1
1
A
5
0
.
0-
-5
1
.
0
2
A
5
9
.
00
0
.
15
0
.
1
b
7
1
.
02
2
.
07
2
.
0
c
9
0
.
00
2
.
0
D
C
I
S
A
B
0
0
.
9
1
D
C
I
S
A
B
0
0
.
7
2
D
C
I
S
A
B
0
5
.
5
E
C
I
S
A
B
0
0
.
9
1
E
C
I
S
A
B
0
0
.
7
2
E
C
I
S
A
B
0
5
.
5
e
C
I
S
A
B
5
.
0
L
5
4
.
00
6
.
05
7
.
0
θθθθθ
°
0°
7
c
c
c
-
--
-8
0
.
0
3
E
&
3
D
0
0
.
20
0
.
7
-HD VERSION
HEAT SLUG DOWN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com