Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX6SDLIEC Datasheet(PDF) 21 Page - NXP Semiconductors

Part # IMX6SDLIEC
Description  i.MX 6Solo/6DualLite Applications Processors for Industrial Products
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX6SDLIEC Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button IMX6SDLIEC Datasheet HTML 17Page - NXP Semiconductors IMX6SDLIEC Datasheet HTML 18Page - NXP Semiconductors IMX6SDLIEC Datasheet HTML 19Page - NXP Semiconductors IMX6SDLIEC Datasheet HTML 20Page - NXP Semiconductors IMX6SDLIEC Datasheet HTML 21Page - NXP Semiconductors IMX6SDLIEC Datasheet HTML 22Page - NXP Semiconductors IMX6SDLIEC Datasheet HTML 23Page - NXP Semiconductors IMX6SDLIEC Datasheet HTML 24Page - NXP Semiconductors IMX6SDLIEC Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 161 page
background image
Modules List
i.MX 6Solo/6DualLite Applications Processors for Industrial Products, Rev. 9, 11/2018
NXP Semiconductors
21
DRAM_VREF
When using DDR_VREF with DDR I/O, the nominal reference voltage must be half of the
NVCC_DRAM supply. The user must tie DDR_VREF to a precision external resistor divider. Use a
1k
Ω 0.5% resistor to GND and a 1 kΩ 0.5% resistor to NVCC_DRAM. Shunt each resistor with a
closely-mounted 0.1 µF capacitor.
To reduce supply current, a pair of 1.5 k
Ω 0.1% resistors can be used. Using resistors with
recommended tolerances ensures the ± 2% DDR_VREF tolerance (per the DDR3 specification) is
maintained when four DDR3 ICs plus the i.MX 6Solo/6DualLite are drawing current on the resistor
divider.
It is recommended to use regulated power supply for “big” memory configurations (more that eight
devices).
ZQPAD
DRAM calibration resistor 240
Ω 1% used as reference during DRAM output buffer driver
calibration should be connected between this pad and GND.
NVCC_LVDS_2P5
The DDR pre-drivers share the NVCC_LVDS_2P5 ball with the LVDS interface. This ball can be
shorted to VDD_HIGH_CAP on the circuit board.
VDD_FA
FA_ANA
These signals are reserved for NXP manufacturing use only. User must tie both connections to
GND.
GPANAIO
Analog output for NXP use only. This output must remain unconnected.
JTAG_nnnn
The JTAG interface is summarized in Table 4. Use of external resistors is unnecessary. However,
if external resistors are used, the user must ensure that the on-chip pull-up/down configuration is
followed. For example, do not use an external pull down on an input that has on-chip pull-up.
JTAG_TDO is configured with a keeper circuit such that the non-connected condition is eliminated
if an external pull resistor is not present. An external pull resistor on JTAG_TDO is detrimental and
must be avoided.
JTAG_MOD is referenced as SJC_MOD in the i.MX 6Solo/6DualLite reference manual. Both
names refer to the same signal. JTAG_MOD must be externally connected to GND for normal
operation. Termination to GND through an external pull-down resistor (such as 1 k
Ω) is allowed.
JTAG_MOD set to hi configures the JTAG interface to mode compliant with IEEE1149.1 standard.
JTAG_MOD set to low configures the JTAG interface for common SW debug adding all the system
TAPs to the chain.
NC
These signals are not functional and must remain unconnected by the user.
SRC_POR_B
This cold reset negative logic input resets all modules and logic in the IC.
ONOFF
In normal mode may be connected to ON/OFF button (De-bouncing provided at this input).
Internally this pad is pulled up. Short connection to GND in OFF mode causes internal power
management state machine to change state to ON. In ON mode short connection to GND
generates interrupt (intended to SW controllable power down). Long above ~5s connection to GND
causes “forced” OFF.
TEST_MODE
TEST_MODE is for NXP factory use. This signal is internally connected to an on-chip pull-down
device. This signal must either be tied to Vss or remain unconnected.
PCIE_REXT
The impedance calibration process requires connection of reference resistor 200
Ω 1% precision
resistor on PCIE_REXT pad to ground.
CSI_REXT
MIPI CSI PHY reference resistor. Use 6.04 K
Ω 1% resistor connected between this pad and GND
DSI_REXT
MIPI DSI PHY reference resistor. Use 6.04 K
Ω 1% resistor connected between this pad and GND
Table 3. Special Signal Considerations (continued)
Signal Name
Remarks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com