Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX6SDLIEC Datasheet(PDF) 60 Page - NXP Semiconductors

Part # IMX6SDLIEC
Description  i.MX 6Solo/6DualLite Applications Processors for Industrial Products
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX6SDLIEC Datasheet(HTML) 60 Page - NXP Semiconductors

Back Button IMX6SDLIEC Datasheet HTML 56Page - NXP Semiconductors IMX6SDLIEC Datasheet HTML 57Page - NXP Semiconductors IMX6SDLIEC Datasheet HTML 58Page - NXP Semiconductors IMX6SDLIEC Datasheet HTML 59Page - NXP Semiconductors IMX6SDLIEC Datasheet HTML 60Page - NXP Semiconductors IMX6SDLIEC Datasheet HTML 61Page - NXP Semiconductors IMX6SDLIEC Datasheet HTML 62Page - NXP Semiconductors IMX6SDLIEC Datasheet HTML 63Page - NXP Semiconductors IMX6SDLIEC Datasheet HTML 64Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 161 page
background image
i.MX 6Solo/6DualLite Applications Processors for Industrial Products, Rev. 9, 11/2018
60
NXP Semiconductors
Electrical Characteristics
4.9.4
Multi-Mode DDR Controller (MMDC)
The Multi-Mode DDR Controller is a dedicated interface to DDR3/DDR3L/LPDDR2 SDRAM.
4.9.4.1
MMDC Compatibility with JEDEC-compliant SDRAMs
The i.MX 6Solo/6DualLite MMDC supports the following memory types:
•
LPDDR2 SDRAM compliant to JESD209-2B LPDDR2 JEDEC standard release June, 2009
•
DDR3/DDR3L SDRAM compliant to JESD79-3D DDR3 JEDEC standard release April, 2008
MMDC operation with the standards stated above is contingent upon the board DDR design adherence to
the DDR design and layout requirements stated in the Hardware Development Guide for i.MX 6Quad,
6Dual, 6DualLite, 6Solo Families of Applications Processors (IMX6DQ6SDLHDG).
4.9.4.2
MMDC Supported DDR3/DDR3L/LPDDR2 Configurations
Table 40 and Table 41 show the supported DDR3/DDR3L/LPDDR2 configurations.
WE47
EIM_DTACK_B Active to
EIM_CSx_B Invalid
MAXCO - MAXCSO + MAXDTI
MAXCO -
MAXCSO +
MAXDTI
—ns
WE48
EIM_CSx_B Invalid to
EIM_DTACK_B Invalid
00
—
ns
1 For more information on configuration parameters mentioned in this table, see the i.MX 6Solo/6DualLite reference manual.
2 In this table, CSA means WCSA when write operation or RCSA when read operation.
3 In this table, CSN means WCSN when write operation or RCSN when read operation.
4 t is ACLK_EIM_SLOW_CLK_ROOT cycle time.
5 In this table, ADVN means WADVN when write operation or RADVN when read operation.
6 In this table, ADVA means WADVA when write operation or RADVA when read operation.
Table 40. i.MX 6Solo Supported DDR3/DDR3L/LPDDR2 Configurations
Parameter
LPDDR2
DDR3
DDR3L
Clock frequency
400 MHz
400 MHz
400 MHz
Bus width
16/32-bit
16/32-bit
16/32-bit
Channel
Single
Single
Single
Chip selects
2
2
2
Table 39. EIM Asynchronous Timing Parameters Table Relative Chip to Select (continued)
Ref No.
Parameter
Determination by
Synchronous measured
parameters1
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com