Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX7ULPCECB2 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # IMX7ULPCECB2
Description  i.MX 7ULP Applications Processor-Consumer
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7ULPCECB2 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button IMX7ULPCECB2 Datasheet HTML 17Page - NXP Semiconductors IMX7ULPCECB2 Datasheet HTML 18Page - NXP Semiconductors IMX7ULPCECB2 Datasheet HTML 19Page - NXP Semiconductors IMX7ULPCECB2 Datasheet HTML 20Page - NXP Semiconductors IMX7ULPCECB2 Datasheet HTML 21Page - NXP Semiconductors IMX7ULPCECB2 Datasheet HTML 22Page - NXP Semiconductors IMX7ULPCECB2 Datasheet HTML 23Page - NXP Semiconductors IMX7ULPCECB2 Datasheet HTML 24Page - NXP Semiconductors IMX7ULPCECB2 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 122 page
background image
Table 1. i.MX 7ULP modules list (continued)
Block Name
Block Mnemonic
Subsystem
Power
Domain
Brief description
Host Controller Interface Specification
for Universal Serial Bus (EHCI). This
module can act as a host, a device or an
On-The-Go negotiable host/device on
the USB bus.
Universal Serial Bus
Phase Locked Loop
USB PLL
Clock Sources and
Control
AD
USB Phase Locked Loop (USB PLL) is
embedded in the USB transceiver block.
This PLL allows an exact 480 MHz to be
generated from a supported reference
clock of 24 MHz. The output of this PLL
is primarily used for PLL operation. The
USB PLL clock is also made available as
a clock source for other peripherals in
the SoC.
Universal Serial Bus
Physical Layer
USB-PHY
Connectivity and
Communications
AD
The Universal System Bus Physical
Layer (USB-PHY) implements USB
physical layer connecting to USB host/
device systems at low-speed, full-speed,
and high-speed. USB-PHY provides a
standard UTMI interface for connection
to the USB-OTG controller.
Video Input Unit
VIU
Multimedia
AD
The Video Input Unit (VIU) provides a
parallel interface for digital video. The
VIU accepts various types of digital
video input on its parallel interface,
decodes it and optionally performs
processes such as down-scaling,
horizontal up-scaling, brightness and
contrast adjustment, pixel format
conversion, deinterlacing and horizontal
mirroring. The resultant video stream is
then stored to system memory for
subsequent post-processing and display.
Wakeup Unit
WKPU
System Control
AD
Wakeup Unit (WKPU) module is capable
of interrupt detection and wake-up of the
Cortex-A processor when it is in low
power mode.
Watchdog Timer
WDOG0-2
Timers
AD, RT
The Watchdog Timer (WDOG) module
keeps a watch on the system functioning
and resets it in case of its failure.
Reasons for failure include run-away
software code and the stoppage of the
system clock that in a safety critical
system can lead to serious
consequences. In such cases, the
WDOG brings the system into a safe
state of operation. The WDOG monitors
the operation of the system by expecting
periodic communication from the
software, generally known as servicing
Table continues on the next page...
i.MX 7ULP modules list
i.MX 7ULP Applications Processor—Consumer, Rev. 0, 09/2020
21
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com