Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX7ULPCECB2 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # IMX7ULPCECB2
Description  i.MX 7ULP Applications Processor-Consumer
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7ULPCECB2 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button IMX7ULPCECB2 Datasheet HTML 35Page - NXP Semiconductors IMX7ULPCECB2 Datasheet HTML 36Page - NXP Semiconductors IMX7ULPCECB2 Datasheet HTML 37Page - NXP Semiconductors IMX7ULPCECB2 Datasheet HTML 38Page - NXP Semiconductors IMX7ULPCECB2 Datasheet HTML 39Page - NXP Semiconductors IMX7ULPCECB2 Datasheet HTML 40Page - NXP Semiconductors IMX7ULPCECB2 Datasheet HTML 41Page - NXP Semiconductors IMX7ULPCECB2 Datasheet HTML 42Page - NXP Semiconductors IMX7ULPCECB2 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 122 page
background image
13. Note that the A7 LDO can be operated in LDO-enabled mode or LDO-bypass mode. In LDO-enabled mode, the
voltage supply to the internal logic in the A7 domain is regulated by the internal LDO.
14. When using LDO-enabled mode, the voltage at the associated *_CAP ball differs from the programmed voltage
because the sense point for the LDO is on-chip.
15. To achieve minimum power consumption, VDD_PTA, VDD_PTB, VDD_PTC, VDD_PTE, and VDD_PTF must remain
powered in all modes except BAT mode.
16. VDD_PTA must be powered during a power-on reset (POR) for the SMC0 Mode register (MR) BOOTCFG field to
properly latch the boot configuration from the PTA signals (GPIO Boot mode).
17. VDD_ANA33 must be shorted to VDD_PTA at the board level.
18. VDD_PTF must be powered during a power-on reset (POR) for the SMC1 Mode register (MR) BOOTCFG field to
properly latch the boot configuration from the PTF signals (GPIO Boot mode). VDD_PTF must also remain powered
during all A7 power modes except for BAT mode.
19. VDD_DDR must remain powered while VDD18_DDR is powered.
20. The 7ULP USB PHY provides two options for reporting VBUS valid back to the USB controller:
• A programmable internal VBUS_VALID comparator (the default option), or
• An alternate VBUS_VALID_3V detector that will report VBUS valid for voltages above 3 V
USBPHY_USB1_VBUS_DETECTn[VBUSVALID_SEL] selects which option is used. If the VBUS_VALID comparator
is used, USBPHY_USB1_VBUS_DETECTn[VBUSVALID_THRESH] determines the threshold voltage for a valid
VBUS. The programmable range is 4.0V to 4.4V (default).
21. The 7ULP USB PHY provides two options for reporting VBUS valid back to the USB controller:
• A programmable internal VBUS_VALID comparator (the default option), or
• An alternate VBUS_VALID_3V detector that will report VBUS valid for voltages above 3 V.
USBPHY_USB1_VBUS_DETECTn[VBUSVALID_SEL] selects which option is used. If the VBUS_VALID_3V detector
is used, the detector voltage is not programmable.
7.1.6 Estimated maximum supply currents
This table represents the estimated maximum current on the power supply rails and
should be used for power supply selection. The data below is based on design
simulation as well as measured data. Note that some of the data in the table is based
on internal companion regulator limits and not actual use cases. Maximum currents
are higher by far than the average power consumption of typical use cases.
Table 6. Estimated maximum supply currents
Power rail
Conditions
Maximum currents
Unit
VDD_VBAT42
4.2 V
23
µA
VDD_PLL18
1.8 V
8
mA
VDD18_IOREF + VDD_PMC18 +
VDD_PTB1
1.8 V
Use Maximum IO equation 2 + 10 mA
VDD18_DDR + VDD18_HSIC
1.8 V
15
mA
VDD_ANA18 + VREFH_ANA18
1.8 V
16
µA
VDD_DSI18
1.8 V
0.6
mA
VDD_USB18
1.8 V
High speed mode
27
mA
VDD_PMC18_DIG0
1.8 V, CM4 200 MHz
60
mA
Table continues on the next page...
System specifications
i.MX 7ULP Applications Processor—Consumer, Rev. 0, 09/2020
39
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com