Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3052AI01 Datasheet(PDF) 10 Page - Integrated Circuit Systems

Part # 3052AI01
Description  2-BIT, 2 : 1, SINGLE-ENDED MULTIPLEXER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

3052AI01 Datasheet(HTML) 10 Page - Integrated Circuit Systems

Back Button 3052AI01 Datasheet HTML 4Page - Integrated Circuit Systems 3052AI01 Datasheet HTML 5Page - Integrated Circuit Systems 3052AI01 Datasheet HTML 6Page - Integrated Circuit Systems 3052AI01 Datasheet HTML 7Page - Integrated Circuit Systems 3052AI01 Datasheet HTML 8Page - Integrated Circuit Systems 3052AI01 Datasheet HTML 9Page - Integrated Circuit Systems 3052AI01 Datasheet HTML 10Page - Integrated Circuit Systems 3052AI01 Datasheet HTML 11Page - Integrated Circuit Systems 3052AI01 Datasheet HTML 12Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Integrated
Circuit
Systems, Inc.
83052AGI-01
www.icst.com/products/hiperclocks.html
REV. A NOVEMBER 24, 2004
10
ICS83052I-01
2-BIT, 2:1,
SINGLE-ENDED MULTIPLEXER
PRELIMINARY
RELIABILITY INFORMATION
TRANSISTOR COUNT
The transistor count for ICS83052I-01 is: 967
TABLE 5.
θ
JA
VS
. AIR FLOW TABLE FOR 16 LEAD TSSOP
θθθθθ
JA by Velocity (Linear Feet per Minute)
0
200
500
Single-Layer PCB, JEDEC Standard Test Boards
137.1°C/W
118.2°C/W
106.8°C/W
Multi-Layer PCB, JEDEC Standard Test Boards
89.0°C/W
81.8°C/W
78.1°C/W
NOTE: Most modern PCB designs use multi-layered boards. The data in the second row pertains to most designs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com