Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3052AI01 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # 3052AI01
Description  2-BIT, 2 : 1, SINGLE-ENDED MULTIPLEXER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

3052AI01 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  3052AI01 Datasheet HTML 1Page - Integrated Circuit Systems 3052AI01 Datasheet HTML 2Page - Integrated Circuit Systems 3052AI01 Datasheet HTML 3Page - Integrated Circuit Systems 3052AI01 Datasheet HTML 4Page - Integrated Circuit Systems 3052AI01 Datasheet HTML 5Page - Integrated Circuit Systems 3052AI01 Datasheet HTML 6Page - Integrated Circuit Systems 3052AI01 Datasheet HTML 7Page - Integrated Circuit Systems 3052AI01 Datasheet HTML 8Page - Integrated Circuit Systems 3052AI01 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Integrated
Circuit
Systems, Inc.
83052AGI-01
www.icst.com/products/hiperclocks.html
REV. A NOVEMBER 24, 2004
1
ICS83052I-01
2-BIT, 2:1,
SINGLE-ENDED MULTIPLEXER
PRELIMINARY
GENERAL DESCRIPTION
The ICS83052I-01 is a 2-bit, 2:1, Single-ended Mul-
tiplexer and a member of the HiPerClockS™fam-
ily of High Performance Clock Solutions from ICS.
The ICS83052I-01 has two selectable single-ended
clock inputs and two single-ended clock outputs.
The output has a V
DDO pin which may be set at 3.3V, 2.5V, or
1.8V, making the device ideal for use in voltage translation ap-
plications. An output enable pin places the output in
a high impedance state which may be useful for testing or
debug. Possible applications include systems with up to two
transceivers which need to be independently set for different
rates. For example, a board may have two transceivers, each
of which need to be independently configured for 1 Gigabit
Ethernet or 1 Gigabit Fibre Channel rates. Another possible
application may require the ports to be independently set for
FEC (Forward Error Correction) or non-FEC rates. The device
operates up to 250MHz and is packaged in a 16 TSSOP.
HiPerClockS™
ICS
BLOCK DIAGRAM
PIN ASSIGNMENT
FEATURES
• 2-bit, 2:1 single-ended multiplexer
• Nominal output impedance: 15
Ω (V
DDO = 3.3V)
• Maximum output frequency: 250MHz
• Propagation delay: 2.5ns (typical)
• Input skew: 45ps (typical)
• Part-to-part skew: TBD
• Additive phase jitter, RMS (12KHz - 20MHz):
0.07ps (typical)
• Operating supply modes:
V
DD/VDDO
3.3V/3.3V
3.3V/2.5V
3.3V/1.8V
2.5V/2.5V
2.5V/1.8V
• -40°C to 85°C ambient operating temperature
SEL0
CLK0
CLK1
SEL1
OE
Q0
Q1
0
1
0
1
Pulldown
Pulldown
Pulldown
Pulldown
Pullup
nc
VDDO
nc
GND
Q1
SEL1
CLK1
VDD
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
nc
VDDO
nc
GND
Q0
SEL0
CLK0
OE
ICS83052I-01
16-Lead TSSOP
4.4mm x 3.0mm x 0.92mm package body
G Package
Top View
The Preliminary Information presented herein represents a product in prototyping or pre-production. The noted characteristics are based on initial
product characterization. Integrated Circuit Systems, Incorporated (ICS) reserves the right to change any circuitry or specifications without notice.


Similar Part No. - 3052AI01

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
3052A BELDEN-3052A Datasheet
213Kb / 2P
Inst, 16 Tri #1622 Str BC, PVC Ins E1, OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
More results

Similar Description - 3052AI01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS83052I ICST-ICS83052I Datasheet
176Kb / 12P
2:1, SINGLE-ENDED MULTIPLEXER
REV. A AUGUST 2, 2005
ICS83054I-01 ICST-ICS83054I-01 Datasheet
216Kb / 12P
4-BIT, 2 : 1, SINGLE-ENDED MULTIPLEXER
REV. A NOVEMBER 24, 2004
ICS83056I-01 ICST-ICS83056I-01 Datasheet
213Kb / 12P
6-BIT, 2 : 1, SINGLE-ENDED MULTIPLEXER
REV. A FEBRUARY 7, 2005
logo
Integrated Device Techn...
83052AGILFT IDT-83052AGILFT Datasheet
195Kb / 17P
2 1 single-ended multiplexer
83052I-01 IDT-83052I-01 Datasheet
314Kb / 15P
2-Bit, 2:1, Single-Ended Multiplexer
logo
Renesas Technology Corp
8CA3052I RENESAS-8CA3052I Datasheet
399Kb / 18P
2:1 Single-Ended Multiplexer
January 27, 2016
83052I-01 RENESAS-83052I-01 Datasheet
509Kb / 16P
2-Bit, 2:1, Single-Ended Multiplexer
December 16, 2015
83052I RENESAS-83052I Datasheet
395Kb / 18P
2:1, Single-Ended Multiplexer
December 15, 2015
83054I-01 RENESAS-83054I-01 Datasheet
385Kb / 15P
4-Bit, 2:1, Single-Ended Multiplexer
December 15, 2015
ICS83056I-01 RENESAS-ICS83056I-01 Datasheet
833Kb / 15P
6-BIT, 2:1, SINGLE-ENDED LVCMOS MULTIPLEXER
JANUARY 29, 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com