Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPLTL90AT03 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SPLTL90AT03
Description  Industrial Automation (Machine Controls, Light Barriers, Vision Controls)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SPLTL90AT03 Datasheet(HTML) 1 Page - OSRAM GmbH

  SPLTL90AT03 Datasheet HTML 1Page - OSRAM GmbH SPLTL90AT03 Datasheet HTML 2Page - OSRAM GmbH SPLTL90AT03 Datasheet HTML 3Page - OSRAM GmbH SPLTL90AT03 Datasheet HTML 4Page - OSRAM GmbH SPLTL90AT03 Datasheet HTML 5Page - OSRAM GmbH SPLTL90AT03 Datasheet HTML 6Page - OSRAM GmbH SPLTL90AT03 Datasheet HTML 7Page - OSRAM GmbH SPLTL90AT03 Datasheet HTML 8Page - OSRAM GmbH SPLTL90AT03 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
SPL TL90AT03
1 Version 0.0 | 2021-09-27
Produktdatenblatt | Version 1.1
www.osram-os.com
Applications
SPL TL90AT03
Metal Can® TO56
Pulsed Laser Diode in TO-56 Package
905nm, 65 W Peak Power
3D Sensing
CCTV Surveillance
Electronic Equipment
Gesture Recognition
Highbay Industrial
Industrial Automation (Machine Controls, Light
Barriers, Vision Controls)
Features:
Laser wavelength 905 nm
Suited for short laser pulses from 1 to 100 ns
Robust TO-can package for high volume applications
Not released for automotive applications
Ordering Information
Type
Peak output power
Ordering Code
typ.
I
F = 20 A; tp = 100 ns; f = 1 kHz
P
opt
SPL TL90AT03
65 W
Q65112A2623


Similar Part No. - SPLTL90AT03

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SPLTL90AT08 OSRAM-SPLTL90AT08 Datasheet
857Kb / 13P
Industrial Automation (Machine Controls, Light Barriers, Vision Controls)
More results

Similar Description - SPLTL90AT03

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH2401 OSRAM-SFH2401 Datasheet
861Kb / 16P
Industrial Automation (Machine Controls, Light Barriers, Vision Controls)
SFH2700 OSRAM-SFH2700 Datasheet
942Kb / 16P
Industrial Automation (Machine Controls, Light Barriers, Vision Controls)
SFH2700A01 OSRAM-SFH2700A01 Datasheet
972Kb / 14P
Industrial Automation (Machine Controls, Light Barriers, Vision Controls)
SFH2700FA OSRAM-SFH2700FA Datasheet
943Kb / 16P
Industrial Automation (Machine Controls, Light Barriers, Vision Controls)
SFH2700FAA01 OSRAM-SFH2700FAA01 Datasheet
989Kb / 16P
Industrial Automation (Machine Controls, Light Barriers, Vision Controls)
SFH2711 OSRAM-SFH2711 Datasheet
975Kb / 16P
Industrial Automation (Machine Controls, Light Barriers, Vision Controls)
SPLDS90A OSRAM-SPLDS90A_3 Datasheet
592Kb / 12P
Industrial Automation (Machine Controls, Light Barriers, Vision Controls)
SPLS1L90A_3A01 OSRAM-SPLS1L90A_3A01 Datasheet
1Mb / 20P
Industrial Automation (Machine Controls, Light Barriers, Vision Controls)
SPLTL90AT08 OSRAM-SPLTL90AT08 Datasheet
857Kb / 13P
Industrial Automation (Machine Controls, Light Barriers, Vision Controls)
SPLUL90AT08 OSRAM-SPLUL90AT08 Datasheet
854Kb / 13P
Industrial Automation (Machine Controls, Light Barriers, Vision Controls)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com