Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPLTL90AT03 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # SPLTL90AT03
Description  Industrial Automation (Machine Controls, Light Barriers, Vision Controls)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SPLTL90AT03 Datasheet(HTML) 2 Page - OSRAM GmbH

  SPLTL90AT03 Datasheet HTML 1Page - OSRAM GmbH SPLTL90AT03 Datasheet HTML 2Page - OSRAM GmbH SPLTL90AT03 Datasheet HTML 3Page - OSRAM GmbH SPLTL90AT03 Datasheet HTML 4Page - OSRAM GmbH SPLTL90AT03 Datasheet HTML 5Page - OSRAM GmbH SPLTL90AT03 Datasheet HTML 6Page - OSRAM GmbH SPLTL90AT03 Datasheet HTML 7Page - OSRAM GmbH SPLTL90AT03 Datasheet HTML 8Page - OSRAM GmbH SPLTL90AT03 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
SPL TL90AT03
2 Version 0.0 | 2021-09-27
Maximum Ratings
T
S = 25 °C
Parameter
Symbol
Values
Operating temperature
T
op
min.
max.
-40 °C
85 °C
Storage temperature
T
stg
min.
max.
-40 °C
100 °C
Peak output power 1)
P
opt
max.
75 W
Forward current
I
F
max.
20 A
Pulse width (FWHM)
t
P
max.
100 ns
Duty cycle
dc
max.
0.1 %
Reverse voltage
V
R
max.
3 V
Soldering temperature
(2 mm from bottom edge of case)
T
S
max.
260 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com