Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

052AI Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # 052AI
Description  2:1, SINGLE-ENDED MULTIPLEXER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

052AI Datasheet(HTML) 1 Page - Integrated Circuit Systems

  052AI Datasheet HTML 1Page - Integrated Circuit Systems 052AI Datasheet HTML 2Page - Integrated Circuit Systems 052AI Datasheet HTML 3Page - Integrated Circuit Systems 052AI Datasheet HTML 4Page - Integrated Circuit Systems 052AI Datasheet HTML 5Page - Integrated Circuit Systems 052AI Datasheet HTML 6Page - Integrated Circuit Systems 052AI Datasheet HTML 7Page - Integrated Circuit Systems 052AI Datasheet HTML 8Page - Integrated Circuit Systems 052AI Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Integrated
Circuit
Systems, Inc.
83052AGI
www.icst.com/products/hiperclocks.html
REV. A AUGUST 2, 2005
2
ICS83052I
2:1, SINGLE-ENDED MULTIPLEXER
TABLE 1. PIN DESCRIPTIONS
TABLE 2. PIN CHARACTERISTICS
TABLE 3. CONTROL INPUT FUNCTION TABLE
r
e
b
m
u
Ne
m
a
Ne
p
y
Tn
o
i
t
p
i
r
c
s
e
D
1V
O
D
D
r
e
w
o
P.
n
i
p
y
l
p
p
u
s
t
u
p
t
u
O
2D
N
Gr
e
w
o
P.
d
n
u
o
r
g
y
l
p
p
u
s
r
e
w
o
P
6
,
30
K
L
C
,
1
K
L
Ct
u
p
n
In
w
o
d
ll
u
P.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
s
t
u
p
n
i
k
c
o
l
c
d
e
d
n
e
-
e
l
g
n
i
S
4V
D
D
r
e
w
o
P.
n
i
p
y
l
p
p
u
s
e
r
o
C
5E
Ot
u
p
n
Ip
u
ll
u
P
.
e
t
a
t
s
e
c
n
a
d
e
p
m
i
H
G
I
H
n
i
e
r
a
s
t
u
p
t
u
o
,
W
O
L
n
e
h
W
.
e
l
b
a
n
e
t
u
p
t
u
O
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
e
v
i
t
c
a
e
r
a
s
t
u
p
t
u
o
,
H
G
I
H
n
e
h
W
70
L
E
St
u
p
n
In
w
o
d
ll
u
P
.
e
l
b
a
T
n
o
i
t
c
n
u
F
t
u
p
n
I
l
o
r
t
n
o
C
e
e
S
.
t
u
p
n
i
t
c
e
l
e
s
k
c
o
l
C
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
8Q
t
u
p
t
u
O
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
t
u
p
t
u
o
k
c
o
l
c
d
e
d
n
e
-
e
l
g
n
i
S
:
E
T
O
N
p
u
ll
u
P
d
n
a
n
w
o
d
ll
u
P
.
s
e
u
l
a
v
l
a
c
i
p
y
t
r
o
f
,
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
n
i
P
,
2
e
l
b
a
T
e
e
S
.
s
r
o
t
s
i
s
e
r
t
u
p
n
i
l
a
n
r
e
t
n
i
o
t
r
e
f
e
r
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
M
s
t
i
n
U
C
N
I
e
c
n
a
t
i
c
a
p
a
C
t
u
p
n
I
4F
p
R
P
U
L
L
U
P
r
o
t
s
i
s
e
R
p
u
ll
u
P
t
u
p
n
I
1
5k
Ω
R
N
W
O
D
L
L
U
P
r
o
t
s
i
s
e
R
n
w
o
d
ll
u
P
t
u
p
n
I
1
5k
Ω
C
D
P
e
c
n
a
t
i
c
a
p
a
C
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
)
t
u
p
t
u
o
r
e
p
(
V
O
D
D
V
5
6
4
.
3
=8
1F
p
V
O
D
D
V
5
2
6
.
2
=9
1F
p
V
O
D
D
V
9
8
.
1
=9
1F
p
R
T
U
O
e
c
n
a
d
e
p
m
I
t
u
p
t
u
O
5
1
Ω
s
t
u
p
n
I
l
o
r
t
n
o
C
Q
o
t
d
e
t
c
e
l
e
S
t
u
p
n
I
0
L
E
S
00
K
L
C
11
K
L
C


Similar Part No. - 052AI

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
052AI TI-052AI Datasheet
1Mb / 68P
ENHANCED-JFET LOW-OFFSET OPERATIONAL AMPLIFIERS
More results

Similar Description - 052AI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS83052I-01 ICST-ICS83052I-01 Datasheet
217Kb / 12P
2-BIT, 2 : 1, SINGLE-ENDED MULTIPLEXER
REV. A NOVEMBER 24, 2004
ICS83054I-01 ICST-ICS83054I-01 Datasheet
216Kb / 12P
4-BIT, 2 : 1, SINGLE-ENDED MULTIPLEXER
REV. A NOVEMBER 24, 2004
ICS83056I-01 ICST-ICS83056I-01 Datasheet
213Kb / 12P
6-BIT, 2 : 1, SINGLE-ENDED MULTIPLEXER
REV. A FEBRUARY 7, 2005
logo
Integrated Device Techn...
83052AGILFT IDT-83052AGILFT Datasheet
195Kb / 17P
2 1 single-ended multiplexer
83052I-01 IDT-83052I-01 Datasheet
314Kb / 15P
2-Bit, 2:1, Single-Ended Multiplexer
logo
Renesas Technology Corp
8CA3052I RENESAS-8CA3052I Datasheet
399Kb / 18P
2:1 Single-Ended Multiplexer
January 27, 2016
83052I-01 RENESAS-83052I-01 Datasheet
509Kb / 16P
2-Bit, 2:1, Single-Ended Multiplexer
December 16, 2015
83052I RENESAS-83052I Datasheet
395Kb / 18P
2:1, Single-Ended Multiplexer
December 15, 2015
83054I-01 RENESAS-83054I-01 Datasheet
385Kb / 15P
4-Bit, 2:1, Single-Ended Multiplexer
December 15, 2015
ICS83056I-01 RENESAS-ICS83056I-01 Datasheet
833Kb / 15P
6-BIT, 2:1, SINGLE-ENDED LVCMOS MULTIPLEXER
JANUARY 29, 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com