Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS83054I Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS83054I
Description  4 : 1, SINGLE-ENDED MULTIPLEXER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS83054I Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS83054I Datasheet HTML 1Page - Integrated Circuit Systems ICS83054I Datasheet HTML 2Page - Integrated Circuit Systems ICS83054I Datasheet HTML 3Page - Integrated Circuit Systems ICS83054I Datasheet HTML 4Page - Integrated Circuit Systems ICS83054I Datasheet HTML 5Page - Integrated Circuit Systems ICS83054I Datasheet HTML 6Page - Integrated Circuit Systems ICS83054I Datasheet HTML 7Page - Integrated Circuit Systems ICS83054I Datasheet HTML 8Page - Integrated Circuit Systems ICS83054I Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Integrated
Circuit
Systems, Inc.
83054AGI
www.icst.com/products/hiperclocks.html
REV. A JANUARY 3, 2006
1
ICS83054I
4:1, SINGLE-ENDED MULTIPLEXER
GENERAL DESCRIPTION
The ICS83054I is a low skew, 4:1, Single-
ended Multiplexer and a member of the
HiPerClockS ™ family of High Perfor mance
Clock Solutions from ICS. The ICS83054I
has four selectable single-ended clock inputs
and one single-ended clock output. The output has a
V
DDO pin which may be set at 3.3V, 2.5V, or 1.8V, making
the device ideal for use in voltage translation applications.
An output enable pin places the output in a high
impedance state which may be useful for testing or
debug. The device operates up to 250MHz and is pack-
aged in a 16 TSSOP.
HiPerClockS™
ICS
BLOCK DIAGRAM
PIN ASSIGNMENT
FEATURES
• 4:1 single-ended multiplexer
• Q nominal output impedance: 7
Ω (V
DDO =3 .3V)
• Maximum output frequency: 250MHz
• Propagation delay: 3ns (maximum), V
DD = VDDO = 3.3V
• Input skew: 225ps (maximum), V
DD = VDDO = 3.3V
• Part-to-part skew: 475ps (maximum), V
DD = VDDO = 3.3V
• Operating supply modes:
V
DD/VDDO
3.3V/3.3V
3.3V/2.5V
3.3V/1.8V
2.5V/2.5V
2.5V/1.8V
•
-40°C to 85°C ambient operating temperature
• Available in both standard and lead-free RoHS-compliant
packages
CLK0
CLK1
CLK2
CLK3
SEL1
SEL0
OE
Q
Q
nc
OE
CLK3
GND
nc
SEL1
CLK2
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VDDO
nc
CLK0
nc
VDD
nc
CLK1
SEL0
ICS83054I
16-Lead TSSOP
4.4mm x 5.0mm x 0.92mm package body
G Package
Top View


Similar Part No. - ICS83054I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS83054I IDT-ICS83054I Datasheet
271Kb / 14P
4:1, SINGLE-ENDED MULTIPLEXER Maximum output frequency: 250MHz
logo
Integrated Circuit Syst...
ICS83054I-01 ICST-ICS83054I-01 Datasheet
216Kb / 12P
4-BIT, 2 : 1, SINGLE-ENDED MULTIPLEXER
REV. A NOVEMBER 24, 2004
More results

Similar Description - ICS83054I

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS83052I ICST-ICS83052I Datasheet
176Kb / 12P
2:1, SINGLE-ENDED MULTIPLEXER
REV. A AUGUST 2, 2005
ICS83054I-01 ICST-ICS83054I-01 Datasheet
216Kb / 12P
4-BIT, 2 : 1, SINGLE-ENDED MULTIPLEXER
REV. A NOVEMBER 24, 2004
ICS83056I ICST-ICS83056I Datasheet
157Kb / 13P
6:1, SINGLE-ENDED MULTIPLEXER
REV. A JANUARY 18, 2006
logo
Integrated Device Techn...
ICS83058I IDT-ICS83058I Datasheet
286Kb / 14P
8:1, SINGLE-ENDED MULTIPLEXER
83054AGILF IDT-83054AGILF Datasheet
271Kb / 14P
4:1, SINGLE-ENDED MULTIPLEXER
83054 IDT-83054_15 Datasheet
154Kb / 14P
4:1, Single-Ended Multiplexer
logo
Renesas Technology Corp
8CA3052I RENESAS-8CA3052I Datasheet
399Kb / 18P
2:1 Single-Ended Multiplexer
January 27, 2016
83054I-01 RENESAS-83054I-01 Datasheet
385Kb / 15P
4-Bit, 2:1, Single-Ended Multiplexer
December 15, 2015
83058I RENESAS-83058I Datasheet
363Kb / 15P
8:1, Single-Ended Multiplexer
December 15, 2015
83054 RENESAS-83054 Datasheet
348Kb / 15P
4:1, Single-Ended Multiplexer
December 15, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com