Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS83940DI01L Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS83940DI01L
Description  LOW SKEW, 1-TO-18 LVPECL-TO-LVCMOS / LVTTL FANOUT BUFFER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS83940DI01L Datasheet(HTML) 6 Page - Integrated Circuit Systems

Back Button ICS83940DI01L Datasheet HTML 2Page - Integrated Circuit Systems ICS83940DI01L Datasheet HTML 3Page - Integrated Circuit Systems ICS83940DI01L Datasheet HTML 4Page - Integrated Circuit Systems ICS83940DI01L Datasheet HTML 5Page - Integrated Circuit Systems ICS83940DI01L Datasheet HTML 6Page - Integrated Circuit Systems ICS83940DI01L Datasheet HTML 7Page - Integrated Circuit Systems ICS83940DI01L Datasheet HTML 8Page - Integrated Circuit Systems ICS83940DI01L Datasheet HTML 9Page - Integrated Circuit Systems ICS83940DI01L Datasheet HTML 10Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
83940DYI-01
www.icst.com/products/hiperclocks.html
REV. A MARCH 1, 2004
6
Integrated
Circuit
Systems, Inc.
ICS83940I-01
LOW SKEW, 1-TO-18
LVPECL-TO-LVCMOS / LVTTL FANOUT BUFFER
PRELIMINARY
TABLE 4C. DC CHARACTERISTICS, V
DD = VDDO = 2.5V±5%, T
A
= -40° TO 85°
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
H
I
e
g
a
t
l
o
V
h
g
i
H
t
u
p
n
IK
L
C
_
S
O
M
C
V
L2
V
D
D
V
V
L
I
e
g
a
t
l
o
V
w
o
L
t
u
p
n
IK
L
C
_
S
O
M
C
V
L8
.
0V
V
P
P
k
a
e
P
-
o
t
-
k
a
e
P
e
g
a
t
l
o
V
t
u
p
n
I
K
L
C
P
n
,
K
L
C
P0
0
30
0
0
1V
m
V
R
M
C
;
e
g
a
t
l
o
V
e
d
o
M
n
o
m
m
o
C
t
u
p
n
I
2
,
1
E
T
O
N
K
L
C
P
n
,
K
L
C
PV
D
D
4
.
1
-V
D
D
6
.
0
-V
I
N
I
t
n
e
r
r
u
C
t
u
p
n
I
0
0
2
±A
µ
V
H
O
e
g
a
t
l
o
V
h
g
i
H
t
u
p
t
u
OI
H
O
A
m
2
1
-
=8
.
1V
V
L
O
e
g
a
t
l
o
V
w
o
L
t
u
p
t
u
OI
L
O
A
m
2
1
=5
.
0V
I
D
D
t
n
e
r
r
u
C
y
l
p
p
u
S
e
r
o
C
5
2A
m
s
i
K
L
C
P
n
,
K
L
C
P
r
o
f
e
g
a
t
l
o
v
t
u
p
n
i
m
u
m
i
x
a
m
e
h
t
,
s
n
o
i
t
a
c
il
p
p
a
d
e
d
n
e
e
l
g
n
i
s
r
o
F
:
1
E
T
O
N
V
D
D
.
V
3
.
0
+
s
a
d
e
n
i
f
e
d
s
i
e
g
a
t
l
o
v
e
d
o
m
n
o
m
m
o
C
:
2
E
T
O
NV
H
I .
TABLE 5C. AC CHARACTERISTICS, V
DD = VDDO = 2.5V±5%, T
A
= -40° TO 85°
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
f
X
A
M
y
c
n
e
u
q
e
r
F
t
u
p
t
u
O
0
0
2z
H
M
t
H
L
p
;
y
a
l
e
D
n
o
i
t
a
g
a
p
o
r
P
;
K
L
C
P
n
,
K
L
C
P
5
,
1
E
T
O
N
f
≤
z
H
M
0
5
1s
n
;
K
L
C
_
S
O
M
C
V
L
5
,
2
E
T
O
N
f
≤
z
H
M
0
5
1s
n
t
H
L
p
;
y
a
l
e
D
n
o
i
t
a
g
a
p
o
r
P
;
K
L
C
P
n
,
K
L
C
P
5
,
1
E
T
O
N
f
>
z
H
M
0
5
1s
n
;
K
L
C
_
S
O
M
C
V
L
5
,
2
E
T
O
N
f
>
z
H
M
0
5
1s
n
t
)
o
(
k
s
;
w
e
k
S
t
u
p
t
u
O
5
,
3
E
T
O
N
K
L
C
P
n
,
K
L
C
P
n
o
d
e
r
u
s
a
e
M
V
@
e
g
d
e
g
n
i
s
i
r
O
D
D
2
/
s
p
K
L
C
_
S
O
M
C
V
L
s
p
t
)
p
p
(
k
s
;
w
e
k
S
t
r
a
P
-
o
t
-
t
r
a
P
6
E
T
O
N
K
L
C
P
n
,
K
L
C
Pf
≤
z
H
M
0
5
1s
n
K
L
C
_
S
O
M
C
V
Lf
≤
z
H
M
0
5
1s
n
t
)
p
p
(
k
s
;
w
e
k
S
t
r
a
P
-
o
t
-
t
r
a
P
6
E
T
O
N
K
L
C
P
n
,
K
L
C
Pf
>
z
H
M
0
5
1s
n
K
L
C
_
S
O
M
C
V
Lf
>
z
H
M
0
5
1s
n
t
)
p
p
(
k
s
;
w
e
k
S
t
r
a
P
-
o
t
-
t
r
a
P
5
,
4
E
T
O
N
K
L
C
P
n
,
K
L
C
P
n
o
d
e
r
u
s
a
e
M
V
@
e
g
d
e
g
n
i
s
i
r
O
D
D
2
/
s
n
K
L
C
_
S
O
M
C
V
L
s
n
t
R
t
,
F
e
m
i
T
ll
a
F
/
e
s
i
R
t
u
p
t
u
OV
8
.
1
o
t
5
.
03
.
02
.
1s
n
c
d
oe
l
c
y
C
y
t
u
D
t
u
p
t
u
Of
<
z
H
M
4
3
15
45
5%
t
a
d
e
r
u
s
a
e
m
s
r
e
t
e
m
a
r
a
p
ll
Az
H
M
0
0
2.
e
s
i
w
r
e
h
t
o
d
e
t
o
n
s
s
e
l
n
u
u
p
t
u
o
e
h
t
o
t
t
n
i
o
p
g
n
i
s
s
o
r
c
t
u
p
n
i
l
a
i
t
n
e
r
e
f
f
i
d
e
h
t
m
o
r
f
d
e
r
u
s
a
e
M
:
1
E
T
O
NV
t
O
D
D
.
2
/
V
m
o
r
f
d
e
r
u
s
a
e
M
:
2
E
T
O
N
D
D
V
o
t
2
/
O
D
D
.
2
/
V
t
a
d
e
r
u
s
a
e
M
.
s
n
o
i
t
i
d
n
o
c
d
a
o
l
l
a
u
q
e
h
t
i
w
d
n
a
e
g
a
t
l
o
v
y
l
p
p
u
s
e
m
a
s
e
h
t
t
a
s
t
u
p
t
u
o
n
e
e
w
t
e
b
w
e
k
s
s
a
d
e
n
i
f
e
D
:
3
E
T
O
N
O
D
D
.
2
/
,
e
r
u
t
a
r
e
p
m
e
t
e
m
a
s
,
s
e
g
a
t
l
o
v
y
l
p
p
u
s
e
m
a
s
e
h
t
t
a
g
n
i
t
a
r
e
p
o
s
e
c
i
v
e
d
t
n
e
r
e
f
f
i
d
n
o
s
t
u
p
t
u
o
n
e
e
w
t
e
b
w
e
k
s
s
a
d
e
n
i
f
e
D
:
4
E
T
O
N
V
t
a
d
e
r
u
s
a
e
m
e
r
a
s
t
u
p
t
u
o
e
h
t
,
e
c
i
v
e
d
h
c
a
e
n
o
s
t
u
p
n
i
f
o
e
p
y
t
e
m
a
s
e
h
t
g
n
i
s
U
.
s
n
o
i
t
i
d
n
o
c
d
a
o
l
l
a
u
q
e
h
t
i
w
d
n
a
O
D
D
.
2
/
.
5
6
d
r
a
d
n
a
t
S
C
E
D
E
J
h
t
i
w
e
c
n
a
d
r
o
c
c
a
n
i
d
e
n
i
f
e
d
s
i
r
e
t
e
m
a
r
a
p
s
i
h
T
:
5
E
T
O
N
,
s
e
g
n
a
r
e
g
a
t
l
o
v
d
n
a
e
r
u
t
a
r
e
p
m
e
t
s
s
o
r
c
a
,
s
e
c
i
v
e
d
t
n
e
r
e
f
f
i
d
n
o
s
t
u
p
t
u
o
n
e
e
w
t
e
b
w
e
k
s
s
a
d
e
n
i
f
e
D
:
6
E
T
O
N
t
a
d
e
r
u
s
a
e
m
e
r
a
s
t
u
p
t
u
o
e
h
t
,
e
c
i
v
e
d
h
c
a
e
n
o
s
t
u
p
n
i
f
o
e
p
y
t
e
m
a
s
e
h
t
g
n
i
s
U
.
s
n
o
i
t
i
d
n
o
c
d
a
o
l
l
a
u
q
e
h
t
i
w
d
n
a
V
O
D
D
.
2
/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com