Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS83940DI01L Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS83940DI01L
Description  LOW SKEW, 1-TO-18 LVPECL-TO-LVCMOS / LVTTL FANOUT BUFFER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS83940DI01L Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS83940DI01L Datasheet HTML 1Page - Integrated Circuit Systems ICS83940DI01L Datasheet HTML 2Page - Integrated Circuit Systems ICS83940DI01L Datasheet HTML 3Page - Integrated Circuit Systems ICS83940DI01L Datasheet HTML 4Page - Integrated Circuit Systems ICS83940DI01L Datasheet HTML 5Page - Integrated Circuit Systems ICS83940DI01L Datasheet HTML 6Page - Integrated Circuit Systems ICS83940DI01L Datasheet HTML 7Page - Integrated Circuit Systems ICS83940DI01L Datasheet HTML 8Page - Integrated Circuit Systems ICS83940DI01L Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
83940DYI-01
www.icst.com/products/hiperclocks.html
REV. A MARCH 1, 2004
1
Integrated
Circuit
Systems, Inc.
ICS83940I-01
LOW SKEW, 1-TO-18
LVPECL-TO-LVCMOS / LVTTL FANOUT BUFFER
PRELIMINARY
GENERAL DESCRIPTION
The ICS83940I-01 is a low skew, 1-to-18
LVPECL-to-LVCMOS/LVTTL Fanout Buffer and a
member of the HiPerClockS™family of High Per-
for mance Clock Solutions from ICS. The
ICS83940I-01 has two selectable clock inputs.
The PCLK, nPCLK pair can accept LVPECL, CML or SSTL
input levels. The single ended clock input accepts LVCMOS
or LVTTL input levels. The low impedance LVCMOS/LVTTL
outputs are designed to drive 50
Ω series or parallel termi-
nated transmission lines. The effective fanout can be increased
from 18 to 36 by utilizing the ability of the outputs to drive two
series terminated lines.
The ICS83940I-01 is characterized at full 3.3V, full 2.5V and
mixed 3.3V input and 2.5V output operating supply modes. Guar-
anteed output and part-to-part skew characteristics make the
ICS83940I-01 ideal for those clock distribution applications de-
manding well defined performance and repeatability.
BLOCK DIAGRAM
PIN ASSIGNMENT
HiPerClockS™
ICS
32-Lead LQFP
Y Pacakge
7mm x 7mm x 1.4mm package body
Top View
32 31 30 29 28 27 26 25
9
10 11 12 13 14 15 16
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
Q6
Q7
Q8
VDDO
Q9
Q10
Q11
GND
GND
GND
LVCMOS_CLK
CLK_SEL
PCLK
nPCLK
VDD
VDDO
ICS83940I-01
FEATURES
• 18 LVCMOS/LVTTL outputs, 23Ω typical output impedance
• Selectable LVCMOS_CLK or LVPECL clock inputs
• LVCMOS_CLK supports the following input types:
LVCMOS or LVTTL
• PCLK, nPCLK supports the following input types:
LVPECL, CML, SSTL
• Maximum output frequency: 250MHz
• Output skew: 150ps (maximum)
• Part-to-part skew: 750ps (maximum)
• Full 3.3V, 2.5V or mixed 3.3V, 2.5V supply modes
• -40°C to 85°C ambient operating temperature
• Pin compatible with the MPC940L in single supply
applications
Q0:Q17
CLK_SEL
PCLK
nPCLK
LVCMOS_CLK
0
1
18
The Preliminary Information presented herein represents a product in prototyping or pre-production. The noted characteristics are based on initial
product characterization. Integrated Circuit Systems, Incorporated (ICS) reserves the right to change any circuitry or specifications without notice.


Similar Part No. - ICS83940DI01L

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS83940DI ICST-ICS83940DI Datasheet
112Kb / 13P
LOW SKEW, 1-TO-18 LVPECL-TO-LVCMOS / LVTTL FANOUT BUFFER
REV. A DECEMBER 12, 2002
logo
Integrated Device Techn...
ICS83940DI IDT-ICS83940DI Datasheet
456Kb / 19P
Operating supply modes
ICS83940DI IDT-ICS83940DI Datasheet
237Kb / 19P
Low Skew, 1-to18 LVPECL-to-LVCMOS/LVTTL Fanout Buffer
logo
Renesas Technology Corp
ICS83940DI RENESAS-ICS83940DI Datasheet
582Kb / 17P
Low Skew, 1 to 18 LVPECL to LVCMOS/LVTTL Fanout Buffer
January 7, 2020
logo
Integrated Device Techn...
ICS83940DI IDT-ICS83940DI_16 Datasheet
237Kb / 19P
Low Skew, 1-to18 LVPECL-to-LVCMOS/LVTTL Fanout Buffer
More results

Similar Description - ICS83940DI01L

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C48535-01 PERICOM-PI6C48535-01 Datasheet
347Kb / 5P
3.3V Low Skew 1-to-4 LVTTL/LVCMOS to LVPECL Fanout Buffer
logo
Integrated Circuit Syst...
ICS83940D ICST-ICS83940D Datasheet
296Kb / 15P
LOW SKEW, 1-TO-18 LVPECL-TO-LVCMOS / LVTTL FANOUT BUFFER
REV. B JUNE 15, 2004
ICS83940DI ICST-ICS83940DI Datasheet
112Kb / 13P
LOW SKEW, 1-TO-18 LVPECL-TO-LVCMOS / LVTTL FANOUT BUFFER
REV. A DECEMBER 12, 2002
logo
Integrated Device Techn...
ICS83940DI IDT-ICS83940DI_16 Datasheet
237Kb / 19P
Low Skew, 1-to18 LVPECL-to-LVCMOS/LVTTL Fanout Buffer
83940-01 IDT-83940-01 Datasheet
190Kb / 15P
Low Skew, 1-to-18 LVPECL-TO-LVCMOS / LVTTL Fanout Buffer
83940I-01 IDT-83940I-01 Datasheet
221Kb / 19P
Low Skew, 1-to-18 LVPECL-to-LVCMOS/LVTTL Fanout
logo
Renesas Technology Corp
83940-01 RENESAS-83940-01 Datasheet
399Kb / 16P
Low Skew, 1-to-18 LVPECL-TO-LVCMOS / LVTTL Fanout Buffer
NOVEMBER 4, 2014
83940D RENESAS-83940D Datasheet
428Kb / 17P
Low Skew, 1-to-18 LVPECL-TO-LVCMOS / LVTTL Fanout Buffer
REVISION B 3/25/15
ICS83940I-01 RENESAS-ICS83940I-01 Datasheet
418Kb / 20P
Low Skew, 1-to-18 LVPECL-to-LVCMOS/LVTTL Fanout
Rev A 3/27/15
ICS83940DI RENESAS-ICS83940DI Datasheet
582Kb / 17P
Low Skew, 1 to 18 LVPECL to LVCMOS/LVTTL Fanout Buffer
January 7, 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com