Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS83947AI147 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS83947AI147
Description  LOW SKEW, 1-TO-9 LVCMOS/LVTTL FANOUT BUFFER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS83947AI147 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS83947AI147 Datasheet HTML 1Page - Integrated Circuit Systems ICS83947AI147 Datasheet HTML 2Page - Integrated Circuit Systems ICS83947AI147 Datasheet HTML 3Page - Integrated Circuit Systems ICS83947AI147 Datasheet HTML 4Page - Integrated Circuit Systems ICS83947AI147 Datasheet HTML 5Page - Integrated Circuit Systems ICS83947AI147 Datasheet HTML 6Page - Integrated Circuit Systems ICS83947AI147 Datasheet HTML 7Page - Integrated Circuit Systems ICS83947AI147 Datasheet HTML 8Page - Integrated Circuit Systems ICS83947AI147 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
83947AYI-147
http://www.icst.com/products/hiperclocks.html
REV. A SEPTEMBER 24, 2004
3
Integrated
Circuit
Systems, Inc.
ICS83947I-147
LOW SKEW, 1-TO-9
LVCMOS/LVTTL FANOUT BUFFER
TABLE 4A. POWER SUPPLY DC CHARACTERISTICS, V
DD = VDDO = 3.3V±0.3V
OR
2.5V±5%, TA = -40°C TO 85°C
TABLE 4B. LVCMOS/LVTTL DC CHARACTERISTICS, V
DD = VDDO = 3.3V±0.3V, T
A
= -40°C TO 85°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
D
D
e
g
a
t
l
o
V
y
l
p
p
u
S
e
r
o
C
0
.
33
.
36
.
3V
5
7
3
.
25
.
25
2
6
.
2V
V
O
D
D
e
g
a
t
l
o
V
y
l
p
p
u
S
t
u
p
t
u
O
0
.
33
.
36
.
3V
5
7
3
.
25
.
25
2
6
.
2V
I
D
D
t
n
e
r
r
u
C
y
l
p
p
u
S
t
u
p
n
I
0
5A
m
I
O
D
D
t
n
e
r
r
u
C
y
l
p
p
u
S
t
u
p
t
u
O
9A
m
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, V
DD
4.6V
Inputs, V
I
-0.5V to V
DD + 0.5 V
Outputs, V
O
-0.5V to V
DDO + 0.5V
Package Thermal Impedance,
θ
JA
47.9°C/W (0 lfpm)
Storage Temperature, T
STG
-65°C to 150°C
NOTE: Stresses beyond those listed under Absolute
Maximum Ratings may cause permanent damage to the
device.These ratings are stress specifications only. Functional
operation of product at these conditions or any conditions be-
yond those listed in the
DC Characteristics or AC Character-
istics is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect product reliability.
TABLE 4B. LVCMOS/LVTTL DC CHARACTERISTICS, V
DD = VDDO = 2.5V±5%, T
A
= -40°C TO 85°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
H
I
e
g
a
t
l
o
V
h
g
i
H
t
u
p
n
I
2V
D
D
3
.
0
+V
V
L
I
e
g
a
t
l
o
V
w
o
L
t
u
p
n
I
1
K
L
C
,
0
K
L
C3
.
0
-3
.
1V
E
O
,
N
E
_
K
L
C
,
L
E
S
_
K
L
C3
.
0
-8
.
0V
I
H
I
t
n
e
r
r
u
C
h
g
i
H
t
u
p
n
I
,
E
O
,
1
K
L
C
,
0
K
L
C
N
E
_
K
L
C
,
L
E
S
_
K
L
C
V
D
D
V
=
N
I
V
5
2
6
.
2
=5
A
µ
I
L
I
t
n
e
r
r
u
C
w
o
L
t
u
p
n
I
,
E
O
,
1
K
L
C
,
0
K
L
C
N
E
_
K
L
C
,
L
E
S
_
K
L
C
V
D
D
,
V
5
2
6
.
2
3
=
V
N
I
V
0
=
0
5
1
-A
µ
V
H
O
1
E
T
O
N
;
e
g
a
t
l
o
V
h
g
i
H
t
u
p
t
u
O
8
.
1V
V
L
O
1
E
T
O
N
;
e
g
a
t
l
o
V
w
o
L
t
u
p
t
u
O
5
.
0V
0
5
h
t
i
w
d
e
t
a
n
i
m
r
e
t
s
t
u
p
t
u
O
:
1
E
T
O
N
Ω
V
o
t
O
D
D
,
n
o
i
t
c
e
S
n
o
i
t
a
m
r
o
f
n
I
t
n
e
m
e
r
u
s
a
e
M
r
e
t
e
m
a
r
a
P
e
e
S
.
2
/
t
s
e
T
d
a
o
L
t
u
p
t
u
O
V
5
.
2
.
m
a
r
g
a
i
D
t
i
u
c
r
i
C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
H
I
e
g
a
t
l
o
V
h
g
i
H
t
u
p
n
I
26
.
3V
V
L
I
e
g
a
t
l
o
V
w
o
L
t
u
p
n
I
8
.
0V
I
N
I
t
n
e
r
r
u
C
t
u
p
n
I
,
E
O
,
1
K
L
C
,
0
K
L
C
N
E
_
K
L
C
,
L
E
S
_
K
L
C
0
0
1
-A
µ
V
H
O
1
E
T
O
N
;
e
g
a
t
l
o
V
h
g
i
H
t
u
p
t
u
OI
H
O
A
m
0
2
-
=5
.
2V
V
L
O
1
E
T
O
N
;
e
g
a
t
l
o
V
w
o
L
t
u
p
t
u
OI
L
O
A
m
0
2
=4
.
0V
0
5
h
t
i
w
d
e
t
a
n
i
m
r
e
t
s
t
u
p
t
u
O
:
1
E
T
O
N
Ω
V
o
t
O
D
D
,
n
o
i
t
c
e
S
n
o
i
t
a
m
r
o
f
n
I
t
n
e
m
e
r
u
s
a
e
M
r
e
t
e
m
a
r
a
P
e
e
S
.
2
/
t
s
e
T
d
a
o
L
t
u
p
t
u
O
V
3
.
3
.
m
a
r
g
a
i
D
t
i
u
c
r
i
C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com