Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS83947AI147 Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # ICS83947AI147
Description  LOW SKEW, 1-TO-9 LVCMOS/LVTTL FANOUT BUFFER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS83947AI147 Datasheet(HTML) 7 Page - Integrated Circuit Systems

Back Button ICS83947AI147 Datasheet HTML 2Page - Integrated Circuit Systems ICS83947AI147 Datasheet HTML 3Page - Integrated Circuit Systems ICS83947AI147 Datasheet HTML 4Page - Integrated Circuit Systems ICS83947AI147 Datasheet HTML 5Page - Integrated Circuit Systems ICS83947AI147 Datasheet HTML 6Page - Integrated Circuit Systems ICS83947AI147 Datasheet HTML 7Page - Integrated Circuit Systems ICS83947AI147 Datasheet HTML 8Page - Integrated Circuit Systems ICS83947AI147 Datasheet HTML 9Page - Integrated Circuit Systems ICS83947AI147 Datasheet HTML 10Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
83947AYI-147
http://www.icst.com/products/hiperclocks.html
REV. A SEPTEMBER 24, 2004
7
Integrated
Circuit
Systems, Inc.
ICS83947I-147
LOW SKEW, 1-TO-9
LVCMOS/LVTTL FANOUT BUFFER
APPLICATION SCHEMATIC EXAMPLE
Figure 1 shows an example of ICS83947I-147 application sche-
matic. In this example, the device is operated at V
CC=3.3V. The
decoupling capacitors should be located as close as possible
to the power pin. The input is driven by a 3.3V LVCMOS driver.
C4
0.1u
VCC
Zo = 50 Ohm
R3
43
R2
43
R1
43
C2
0.1u
(U1-22)
C3
0.1u
C1
0.1u
C3
0.1u
(U1-10)
VDDO
(U1-18)
C5
0.1u
VDDO
(U1-14)
Zo = 50
U1
ICS83947I-147
1
2
3
4
5
6
7
8
17
18
19
20
21
22
23
24
GND
CLK_SEL
CLK0
CLK1
CLK_EN
OE
VDD
GND
GND
VDDO
Q5
GND
Q4
VDDO
Q3
GND
VCC
VDD=3.3V
LVCMOS
Zo = 50
Zo = 50 Ohm
(U1-27)
VDD
VDDO=3.3V
LVCMOS
C2
0.1u
(U1-31)
R3
43
For the LVCMOS output drivers, only one termination example
is shown in this schematic. Additional termination approaches
are shown in the LVCMOS Termination Application Note (refer
to ICS website).
FIGURE 1. ICS83947I-147 SCHEMATIC LAYOUT



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com