Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS84329BVT Datasheet(PDF) 10 Page - Integrated Circuit Systems

Part # ICS84329BVT
Description  700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS84329BVT Datasheet(HTML) 10 Page - Integrated Circuit Systems

Back Button ICS84329BVT Datasheet HTML 6Page - Integrated Circuit Systems ICS84329BVT Datasheet HTML 7Page - Integrated Circuit Systems ICS84329BVT Datasheet HTML 8Page - Integrated Circuit Systems ICS84329BVT Datasheet HTML 9Page - Integrated Circuit Systems ICS84329BVT Datasheet HTML 10Page - Integrated Circuit Systems ICS84329BVT Datasheet HTML 11Page - Integrated Circuit Systems ICS84329BVT Datasheet HTML 12Page - Integrated Circuit Systems ICS84329BVT Datasheet HTML 13Page - Integrated Circuit Systems ICS84329BVT Datasheet HTML 14Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
84329BV
www.icst.com/products/hiperclocks.html
REV. B JANUARY 18, 2006
10
Integrated
Circuit
Systems, Inc.
ICS84329B
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V
DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
The schematic of the ICS84329B layout example used in this
layout guideline is shown in Figure 5A. The ICS84329B recom-
mended PCB board layout for this example is shown in Figure
5B. This layout example is used as a general guideline. The
LAYOUT GUIDELINE
FIGURE 5A. SCHEMATIC OF RECOMMENDED LAYOUT FOR 28 LEAD PLCC
layout in the actual system will depend on the selected compo-
nent types, the density of the components, the density of the
traces, and the stack up of the P.C. board.
RU10
1K
R7
10
R2
50
RD6
1K
RD9
1K
N1
N2
Zo = 50 Ohm
RD8
SP
VCC
RD0
1K
RD12
SP
C4
22p
RU9
SP
VCC=3.3V
Zo = 50 Ohm
M [8:0]= 110010000 (400)
C3
22p
C11
0.01u
S P = S p ace (i .e. n ot i ntstal l e d)
M4
RU7
1K
R1
50
N[1:0] =01 (Divide by 2)
R3
50
VCCA
RU11
SP
C2
0.1u
RU8
1K
M8
RD7
SP
RU0
SP
RD10
SP
C16
10u
M5
U1
84329BV
1
2
3
4
12
13
14
15
16
17
18
27
26
28
VCCA
nc
nc
XTALIN
M4
M5
M6
M7
M8
N0
N1
S_DATA
S_CLOCK
S_LOAD
RD1
1K
RU1
SP
Fout = 200 M Hz
M7
C1
0.1uF
RU12
1K
VCC
M6
X1
16MHz,18pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com