Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS84329BVT Datasheet(PDF) 18 Page - Integrated Circuit Systems

Part # ICS84329BVT
Description  700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS84329BVT Datasheet(HTML) 18 Page - Integrated Circuit Systems

Back Button ICS84329BVT Datasheet HTML 11Page - Integrated Circuit Systems ICS84329BVT Datasheet HTML 12Page - Integrated Circuit Systems ICS84329BVT Datasheet HTML 13Page - Integrated Circuit Systems ICS84329BVT Datasheet HTML 14Page - Integrated Circuit Systems ICS84329BVT Datasheet HTML 15Page - Integrated Circuit Systems ICS84329BVT Datasheet HTML 16Page - Integrated Circuit Systems ICS84329BVT Datasheet HTML 17Page - Integrated Circuit Systems ICS84329BVT Datasheet HTML 18Page - Integrated Circuit Systems ICS84329BVT Datasheet HTML 19Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
84329BV
www.icst.com/products/hiperclocks.html
REV. B JANUARY 18, 2006
18
Integrated
Circuit
Systems, Inc.
ICS84329B
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V
DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
TABLE 11. ORDERING INFORMATION
While the information presented herein has been checked for both accuracy and reliability, Integrated Circuit Systems, Incorporated (ICS) assumes no responsibility for either its use
or for infringement of any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is intended for use
in normal commercial applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary environmental requirements are
not recommended without additional processing by ICS. ICS reserves the right to change any circuitry or specifications without notice. ICS does not authorize or warrant any ICS
product for use in life support devices or critical medical instruments.
The aforementioned trademark, HiPerClockS™ is a trademark of Integrated Circuit Systems, Inc. or its subsidiaries in the United States and/or other countries.
r
e
b
m
u
N
r
e
d
r
O
/
t
r
a
Pg
n
i
k
r
a
Me
g
a
k
c
a
Pg
n
i
g
a
k
c
a
P
g
n
i
p
p
i
h
Se
r
u
t
a
r
e
p
m
e
T
V
B
9
2
3
4
8
S
C
IV
B
9
2
3
4
8
S
C
IC
C
L
P
d
a
e
L
8
2e
b
u
TC
°
0
7
o
t
C
°
0
T
V
B
9
2
3
4
8
S
C
IV
B
9
2
3
4
8
S
C
IC
C
L
P
d
a
e
L
8
2l
e
e
R
&
e
p
a
T
0
0
5C
°
0
7
o
t
C
°
0
F
L
V
B
9
2
3
4
8
S
C
IF
L
V
B
9
2
3
4
8
S
C
IC
C
L
P
"
e
e
r
F
-
d
a
e
L
"
d
a
e
L
8
2e
b
u
TC
°
0
7
o
t
C
°
0
T
F
L
V
B
9
2
3
4
8
S
C
IF
L
V
B
9
2
3
4
8
S
C
IC
C
L
P
"
e
e
r
F
-
d
a
e
L
"
d
a
e
L
8
2l
e
e
R
&
e
p
a
T
0
0
5C
°
0
7
o
t
C
°
0
Y
B
9
2
3
4
8
S
C
IY
B
9
2
3
4
8
S
C
IP
F
Q
L
d
a
e
L
2
3y
a
r
TC
°
0
7
o
t
C
°
0
T
Y
B
9
2
3
4
8
S
C
IY
B
9
2
3
4
8
S
C
IP
F
Q
L
d
a
e
L
2
3l
e
e
R
&
e
p
a
T
0
0
0
1C
°
0
7
o
t
C
°
0
F
L
Y
B
9
2
3
4
8
S
C
IF
L
Y
B
9
2
3
4
8
S
C
IP
F
Q
L
"
e
e
r
F
-
d
a
e
L
"
d
a
e
L
2
3y
a
r
TC
°
0
7
o
t
C
°
0
T
F
L
Y
B
9
2
3
4
8
S
C
IF
L
Y
B
9
2
3
4
8
S
C
IP
F
Q
L
"
e
e
r
F
-
d
a
e
L
"
d
a
e
L
2
3l
e
e
R
&
e
p
a
T
0
0
0
1C
°
0
7
o
t
C
°
0
.
t
n
a
il
p
m
o
c
S
H
o
R
e
r
a
d
n
a
n
o
i
t
a
r
u
g
i
f
n
o
c
e
e
r
F
-
b
P
e
h
t
e
r
a
r
e
b
m
u
n
t
r
a
p
e
h
t
o
t
x
i
f
f
u
s
"
F
L
"
n
a
h
t
i
w
d
e
r
e
d
r
o
e
r
a
r
a
h
t
s
t
r
a
P
:
E
T
O
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com