Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX20006 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX20006
Description  External Frequency Synchronization (SYNC) Input
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX20006 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX20006 Datasheet HTML 1Page - Maxim Integrated Products MAX20006 Datasheet HTML 2Page - Maxim Integrated Products MAX20006 Datasheet HTML 3Page - Maxim Integrated Products MAX20006 Datasheet HTML 4Page - Maxim Integrated Products MAX20006 Datasheet HTML 5Page - Maxim Integrated Products MAX20006 Datasheet HTML 6Page - Maxim Integrated Products MAX20006 Datasheet HTML 7Page - Maxim Integrated Products MAX20006 Datasheet HTML 8Page - Maxim Integrated Products MAX20006 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Maxim Integrated │ 3
www.maximintegrated.com
Evaluate: MAX20004/MAX20006/MAX20008
MAX20006/MAX20008
Evaluation Kits
Revison: B
Date: 02/20/2017
Parts Common to All Variants
REFERENCE
QTY DESCRIPTION
MANUFACTURER
PART#
C1
1
CAP CER 0.1UF 50V X7R 0402
TDK
CGA2B3X7R1H104K050BB
C2
1
CAP CER 10UF 35V X7R 1206
TDK
C3216X7R1V106K160AC
C3
1
CAP ALUM 100UF 20% 35V SMD
PANASONIC
EEEFP1V101AP
C4,C5,C7
3
CAP CER 0.1UF 100V X7R 0603
MURATA
GRJ188R72A104KE11D
C8
1
CAP CER 2.2UF 10V X7R 0603
TDK
C1608X7R1A225K080AC
C9
1
CAP CER 1000PF 100V X7R 0603
TDK
C1608C0G2A102J080AA
C10,C11
2
CAP CER 47UF 10V X7R 1210
MURATA
GRM32ER71A476ME15L
C13
0
Not Installed
C14
0
Not Installed
FB1
1
FERRITE CHIP 60 OHM 6A 1806
MURATA
BLM41PG600SH1L
J1,J2
2
3 PIN HEADER 0.100" 40POS CUT TO FIT
TE CONNECTIVITY
4-103327-0
R1
0
Not Installed
R2,R6
2
RES SMD 100K OHM 1% 1/10W 0603
PANASONIC
ERJ-3EKF1003V
R5,R9
2
RES SMD 0 OHM JUMPER 1/10W 0603
PANASONIC
ERJ-3GEY0R00V
R7
0
Not Installed
R8
0
Not Installed
GND,VIN,SYNC,RESET,VOU
T,GND
6
WIRE LOOP 18AWG SOLID BARE WIRE
TINNED
GND,VIN,VOUT,GND
4
BANANA JACK UNINSULATED THREADED
EXTERNAL NUT
POMONA
3267
1
PCB, MAX20004/6/8 EV Kit
2
2 POSITION SHUNT CONNECTOR BLACK
OPEN TOP 0.100"
KYCON
SX1100-B
1
LABEL
85-84003-006
1
WEB instructions for Maxim Data Sheet
EVINSERT
1
BAG, STATIC SHIELD ZIP 5”x6”, W/ ESD
LOGO
87-02162-000
1
FOAM, ANTI-STATIC PE 12”x12”X5MM
85-MAXKIT-PNK
1
BOX, BROWN 9 3/16” x 7” x 7/8”
MAX20006EVKIT# Variant (5V 2.2MHz)
C6
1
CAP CER 3.9PF 100V C0G 0603
MURATA
GRM1885C2A3R9CZ01D
C12
0
Not Installed
L1
1
INDUCTOR 1UH
COILCRAFT
XAL6030-102ME
R3
1
RES SMD 12K OHM 1% 1/10W 0603
PANASONIC
ERJ-3EKF1202V
R4
1
RES SMD 39K OHM 1% 1/10W 0603
PANASONIC
ERJ-3EKF3902V
U1
1
IC STEP DOWN CONVERTER 17L-FCQFN
MAXIM
MAX20006AFOA/VY+
MAX20008EVKIT# Variant (5V 400kHz)
C6
1
CAP CER 27PF 100V C0G 0603
MURATA
GRM1885C2A270JA01D
C12
1
CAP CER 47UF 10V X7R 1210
MURATA
GRM32ER71A476ME15L
L1
1
INDUCTOR 4.7UH
COILCRAFT
XAL6060-472ME
R3
1
RES SMD 73.2K OHM 1% 1/10W 0603
PANASONIC
ERJ-3EKF7322V
R4
1
RES SMD 30K OHM 1% 1/10W 0604
PANASONIC
ERJ-3EKF3002V
U1
1
IC STEP DOWN CONVERTER 17L-FCQFN
MAXIM
MAX20008AFOA/VY+
MAX20006/MAX20008 EV Kit Bill of Materials



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com