Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX20006 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX20006
Description  External Frequency Synchronization (SYNC) Input
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX20006 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX20006 Datasheet HTML 1Page - Maxim Integrated Products MAX20006 Datasheet HTML 2Page - Maxim Integrated Products MAX20006 Datasheet HTML 3Page - Maxim Integrated Products MAX20006 Datasheet HTML 4Page - Maxim Integrated Products MAX20006 Datasheet HTML 5Page - Maxim Integrated Products MAX20006 Datasheet HTML 6Page - Maxim Integrated Products MAX20006 Datasheet HTML 7Page - Maxim Integrated Products MAX20006 Datasheet HTML 8Page - Maxim Integrated Products MAX20006 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Evaluate: MAX20004/MAX20006/MAX20008
MAX20006/MAX20008
Evaluation Kits
General Description
The MAX20006/MAX20008 evaluation kits (EV kits)
demonstrate the MAX20004/MAX20006/MAX20008 high-
voltage, current-mode, synchronous step-down convert-
ers with low operating current. The EV kits operate over a
wide 3.5V to 36V input range. The output is set for 5V in
the default configuration but can be adjusted between 1V
and 10V with appropriate components. The MAX20004/
MAX20006/MAX20008 current limit supports a nominal
output current of 4A/6A/8A, respectively.
The EV kit switching frequency is set for either 2.2MHz
(MAX20006EVKIT) or 400kHz (MAX20008EVKIT) in the
default configuration. The switching frequency is resistor
programmable between 220kHz and 2.2MHz and can be
synchronized to an external signal. The EV kits can be
set for fixed-frequency (PWM mode) or pulse-skipping
(SKIP mode) for light load efficiency through the provided
on-board jumper.
Features
● Operating VIN Range of 3.5V to 36V
● 25µA No Load Quiescent Current in SKIP Mode
● High-Efficiency Synchronous DC-DC Converter
with Integrated FETs
● 220kHz to 2.2MHz Adjustable Frequency
● External Frequency Synchronization (SYNC) Input
● Internal Soft-Start
● Fixed 3.3V/5.0V Output or Resistor Programmable
1V to 10V Output
● Low Dropout (98% Effective Duty Cycle Operation)
● ±2% Output Voltage Accuracy
● RESET Output
● Proven PCB Layout
● Fully Assembled and Tested
319-100194; Rev 0; 5/18
Ordering Information appears at end of data sheet.
Quick Start
Required Equipment
● MAX20006/MAX20008 EV kit
● 14V, 4A DC power supply
● Electronic load capable of 8A
● Digital voltmeter (DVM)
Procedure
Each EV kit is fully assembled and tested. Follow the
steps below to verify board operation.
Caution: Do not
turn on supplies until all connections are made.
1) Verify that jumpers JU1–JU2 are in their default posi-
tions, as shown in Table 1.
2) Connect the 14V power supply between the VIN and
nearest GND input terminals on the EV kit.
3) Connect the electronic load between the VOUT and
nearest GND output terminals on the EV kit and set
for 6A (MAX20006EVKIT) or 8A (MAX20008EVKIT).
4) Connect the DVM between the VOUT and nearest
GND output terminals on the EV kit.
5) Turn on the power supply.
6) Enable the electronic load.
7) Verify that the voltage at VOUT is approximately 5V.
Click
here for production status of specific part numbers.


Similar Part No. - MAX20006

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX20006 MAXIM-MAX20006 Datasheet
757Kb / 20P
36V, 220kHz to 2.2MHz, 4A/6A/8A Fully Integrated Automotive Step-Down Converters
Rev 8; 11/19
MAX20006AFOAVY MAXIM-MAX20006AFOAVY Datasheet
757Kb / 20P
36V, 220kHz to 2.2MHz, 4A/6A/8A Fully Integrated Automotive Step-Down Converters
Rev 8; 11/19
MAX20006AFOBVY MAXIM-MAX20006AFOBVY Datasheet
757Kb / 20P
36V, 220kHz to 2.2MHz, 4A/6A/8A Fully Integrated Automotive Step-Down Converters
Rev 8; 11/19
MAX20006AFOCVY MAXIM-MAX20006AFOCVY Datasheet
757Kb / 20P
36V, 220kHz to 2.2MHz, 4A/6A/8A Fully Integrated Automotive Step-Down Converters
Rev 8; 11/19
MAX20006AFODVY MAXIM-MAX20006AFODVY Datasheet
757Kb / 20P
36V, 220kHz to 2.2MHz, 4A/6A/8A Fully Integrated Automotive Step-Down Converters
Rev 8; 11/19
More results

Similar Description - MAX20006

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MN6761S PANASONIC-MN6761S Datasheet
71Kb / 9P
External Synchronization Control LSI for Color Video Cameras
logo
fujitsu semiconductor
MB3789 FUJITSU-MB3789 Datasheet
214Kb / 28P
Switching Regulator Controller (Supporting External Synchronization)
logo
Intronics Power, Inc.
IA175 INTRONICS-IA175 Datasheet
525Kb / 6P
ULTRA-LINEAR ISOLATION AMPLIFIER WITH EXTERNAL SYNC CAPABILITY
logo
Texas Instruments
LM20333 TI1-LM20333_14 Datasheet
1Mb / 30P
3A Synchronous Buck Regulator with Frequency Synchronization
logo
Integrated Device Techn...
ICS93V857-XXX IDT-ICS93V857-XXX Datasheet
127Kb / 11P
Feedback pins for input to output synchronization
logo
Maxim Integrated Produc...
MAX17509 MAXIM-MAX17509 Datasheet
623Kb / 24P
External Frequency Synchronization
Rev 0; 2/15
logo
STMicroelectronics
STEVAL-CCA029V1 STMICROELECTRONICS-STEVAL-CCA029V1 Datasheet
334Kb / 4P
External synchronization
13-Jun-2012
logo
Maxim Integrated Produc...
MAX16952EVKIT MAXIM-MAX16952EVKIT Datasheet
829Kb / 8P
Selectable Forced Fixed-Frequency PWM Mode, SKIP Mode, or External Synchronization
Rev 1; 1/12
logo
Pepperl+Fuchs Inc.
KFU8-UFT-2.D.FA PF-KFU8-UFT-2.D.FA Datasheet
704Kb / 5P
Frequency Converter with Direction and Synchronization Monitor
KFD2-UFT-2.D PF-KFD2-UFT-2.D Datasheet
938Kb / 6P
Frequency Converter with Direction and Synchronization Monitor
2021-12-10
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com