Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TQP9113 Datasheet(PDF) 13 Page - Qorvo, Inc

Part # TQP9113
Description  1 W Linear Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

TQP9113 Datasheet(HTML) 13 Page - Qorvo, Inc

Back Button TQP9113 Datasheet HTML 7Page - Qorvo, Inc TQP9113 Datasheet HTML 8Page - Qorvo, Inc TQP9113 Datasheet HTML 9Page - Qorvo, Inc TQP9113 Datasheet HTML 10Page - Qorvo, Inc TQP9113 Datasheet HTML 11Page - Qorvo, Inc TQP9113 Datasheet HTML 12Page - Qorvo, Inc TQP9113 Datasheet HTML 13Page - Qorvo, Inc TQP9113 Datasheet HTML 14Page - Qorvo, Inc TQP9113 Datasheet HTML 15Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
TQP9113
1 W Linear Amplifier
Datasheet Rev. J, November 1, 2019 | Subject to change without notice
13 of 15
www.qorvo.com
®
Tape and Reel Information
– Carrier and Cover Tape Dimensions
Feature
Measure
Symbol
Size (in)
Size (mm)
Cavity
Length
A0
0.171
4.35
Width
B0
0.171
4.35
Depth
K0
0.051
1.30
Pitch
P1
0.315
8.00
Centerline Distance
Cavity to Perforation - Length Direction
P2
0.079
2.00
Cavity to Perforation - Width Direction
F
0.217
5.50
Cover Tape
Width
C
0.362
9.20
Carrier Tape
Width
W
0.472
12.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com