Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TQP9113 Datasheet(PDF) 2 Page - Qorvo, Inc

Part # TQP9113
Description  1 W Linear Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

TQP9113 Datasheet(HTML) 2 Page - Qorvo, Inc

  TQP9113 Datasheet HTML 1Page - Qorvo, Inc TQP9113 Datasheet HTML 2Page - Qorvo, Inc TQP9113 Datasheet HTML 3Page - Qorvo, Inc TQP9113 Datasheet HTML 4Page - Qorvo, Inc TQP9113 Datasheet HTML 5Page - Qorvo, Inc TQP9113 Datasheet HTML 6Page - Qorvo, Inc TQP9113 Datasheet HTML 7Page - Qorvo, Inc TQP9113 Datasheet HTML 8Page - Qorvo, Inc TQP9113 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
TQP9113
1 W Linear Amplifier
Datasheet Rev. J, November 1, 2019 | Subject to change without notice
2 of 15
www.qorvo.com
®
Absolute Maximum Ratings
Parameter
Rating
Storage Temperature
−55 to 150 °C
Supply Voltage (VCC)
+6 V
RF Input Power, CW, 50
 Ω, T=25 °C
+15 dBm
Operation of this device outside the parameter ranges
given above may cause permanent damage.
Recommended Operating Conditions
Parameter
Min
Typ Max Units
Supply Voltage (VCC)
+4.75
+5.0
+5.25
V
TCASE
−40
+105
°C
Tj for >106 hours MTTF
+170
°C
Electrical specifications are measured at specified test
conditions. Specifications are not guaranteed over all
recommended operating conditions.
Electrical Specifications
Test conditions unless otherwise noted:
VCC = +5.0 V, Temp = +25 °C, in a matched 2140 MHz reference circuit.
Parameter
Conditions
Min
Typ
Max
Units
Operational Frequency Range
1800
2700
MHz
Test Frequency
2140
MHz
Gain
25
27.2
30
dB
Input Return Loss
14
dB
Output Return Loss
14
dB
Noise Figure
4.7
dB
Output P1dB
28.9
+30.4
dBm
Output IP3
Pout = +16 dBm / 
tone, Δf = 1 MHz
38
+42
dBm
WCDMA Channel Power(1)
−50 dBc ACLR
+18.4
dBm
Current, ICC
Pin 16, 18 and 20
212
mA
Current, IREF1
1.2
mA
Current, IREF2
2.2
mA
Total Current
on Vcc of EVB circuit
216
245
mA
Thermal Resistance, θjc
Junction to case
41.7
°C/W
Notes:
1.
ACLR test set-up: 3GPP WCDMA, TM1+64 DPCH, +5 MHz offset, PAR = 10.2 dB at 0.01% Probability
Switching Time
Test Conditions: VPD High = +5V, VPD Low = 0V, VCC = +5V, C10 = 1000pF on 2600MHz EVB, Temp = +25°C
Parameter
Conditions
Typical Value
Units
Switch-ON Time
50% of VPD to 90% of RF output, Effective VPD rise time 167ns
106
ns
Switch-OFF Time
50% of VPD to 10% of RF output, Effective VPD fall time 171ns
13
ns
Note: VPD requires 100% of +5V to ensure the ON state performances



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com