Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VC-714 Datasheet(PDF) 1 Page - Microchip Technology

Part # VC-714
Description  LVPECL, LVDS Crystal Oscillator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VC-714 Datasheet(HTML) 1 Page - Microchip Technology

  VC-714 Datasheet HTML 1Page - Microchip Technology VC-714 Datasheet HTML 2Page - Microchip Technology VC-714 Datasheet HTML 3Page - Microchip Technology VC-714 Datasheet HTML 4Page - Microchip Technology VC-714 Datasheet HTML 5Page - Microchip Technology VC-714 Datasheet HTML 6Page - Microchip Technology VC-714 Datasheet HTML 7Page - Microchip Technology VC-714 Datasheet HTML 8Page - Microchip Technology VC-714 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
2021 Microchip Technology Inc.
DS20006509B-page 1
VC-714
Features
• 40 fsRMS Phase Jitter Typical, 12 kHz to 20 MHz
• 3rd OT or Fundamental Crystal Design
• Extended Operating Temperature Range: –40°C
to +125°C
• 100 MHz to 312.5 MHz Output Frequencies
• Excellent Power Supply Rejection Ratio
• Glitch Free Output upon Power-Up and Enable
• Hermetically Sealed 7 mm x 5 mm Ceramic
Package
• Product is Compliant to RoHS Directive and Fully
Compatible with Lead-Free Assembly
Applications
• Medical, Ultrasound
• Ethernet, GbE, SynchE
• Fibre Channel
• PON
• Clock Source for A/Ds, D/As, FPGAs
• Test and Measurement
• Storage Area Network
General Description
Microchip’s
VC-714
crystal
oscillator
is
a
quartz-stabilized, low phase jitter, differential output
oscillator that is hermetically sealed in a 7 mm x 5 mm
ceramic package.
Block Diagram
Phase Noise Plot
FIGURE 0-1:
RMS Jitter, 40 fsRMS at 156.25 MHz, over 12 kHz to 20 MHz.
LVPECL, LVDS Crystal Oscillator


Similar Part No. - VC-714

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VC-710 VECTRON-VC-710 Datasheet
221Kb / 6P
Voltage Controlled Crystal Oscillator
VC-710 VECTRON-VC-710 Datasheet
115Kb / 6P
Voltage Controlled Crystal Oscillator
VC-710-DFC-GFA-125.000 VECTRON-VC-710-DFC-GFA-125.000 Datasheet
221Kb / 6P
Voltage Controlled Crystal Oscillator
VC-710-DFC-GFA-139.624 VECTRON-VC-710-DFC-GFA-139.624 Datasheet
221Kb / 6P
Voltage Controlled Crystal Oscillator
VC-710-DFC-GFA-155.520 VECTRON-VC-710-DFC-GFA-155.520 Datasheet
221Kb / 6P
Voltage Controlled Crystal Oscillator
More results

Similar Description - VC-714

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT9209 ACT-ACT9209 Datasheet
67Kb / 2P
LVPECL,LVDS Oscillator
01/08/05
ACT9210 ACT-ACT9210 Datasheet
118Kb / 2P
LVPECL , PECL , LVDS OSCILLATOR
9-11-05
ACT9212 ACT-ACT9212 Datasheet
181Kb / 2P
LVPECL , LVDS OSCILLATOR
9/11/05
logo
Vectron International, ...
VC-706-ECW-EA VECTRON-VC-706-ECW-EA Datasheet
196Kb / 7P
LVPECL, LVDS Crystal Oscillator Data Sheet
VC-707-ECW-EA VECTRON-VC-707-ECW-EA Datasheet
195Kb / 7P
LVPECL, LVDS Crystal Oscillator Data Sheet
VC-709 VECTRON-VC-709 Datasheet
291Kb / 8P
HCSL, LVDS, LVPECL Crystal Oscillator
VC-806_1106 VECTRON-VC-806_1106 Datasheet
176Kb / 7P
LVPECL, LVDS Crystal Oscillator
logo
TAITIEN ELECTRONICS CO....
XO-0114-OW-M-LVPECL-LVDS TAITIEN-XO-0114-OW-M-LVPECL-LVDS Datasheet
287Kb / 1P
5.0 X 3.2mm SMD LVPECL/LVDS Crystal Oscillator
logo
Microchip Technology
VC-830 MICROCHIP-VC-830 Datasheet
1Mb / 18P
LVPECL, LVDS Crystal Oscillator
02/28/20
logo
AiT Semiconductor Inc.
KOP3225 AITSEMI-KOP3225 Datasheet
252Kb / 1P
LVPECL CRYSTAL OSCILLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com