Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VC-714 Datasheet(PDF) 15 Page - Microchip Technology

Part # VC-714
Description  LVPECL, LVDS Crystal Oscillator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VC-714 Datasheet(HTML) 15 Page - Microchip Technology

Back Button VC-714 Datasheet HTML 10Page - Microchip Technology VC-714 Datasheet HTML 11Page - Microchip Technology VC-714 Datasheet HTML 12Page - Microchip Technology VC-714 Datasheet HTML 13Page - Microchip Technology VC-714 Datasheet HTML 14Page - Microchip Technology VC-714 Datasheet HTML 15Page - Microchip Technology VC-714 Datasheet HTML 16Page - Microchip Technology VC-714 Datasheet HTML 17Page - Microchip Technology VC-714 Datasheet HTML 18Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
2021 Microchip Technology Inc.
DS20006509B-page 11
VC-714
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, contact your local Microchip representative or sales office
.
Note:
Not all combinations of options are available. Other specifications may be available upon request.
TABLE 1:
STANDARD OUTPUT FREQUENCIES
100.000 MHz
125.000 MHz
156.250 MHz
160.000 MHz
200.000 MHz
312.500 MHz
Examples:
a) VC-714-ECE-FAAN-200M000000TR:
VC-714, 3.3VDC, LVPECL Output, –40°C to
+85°C Temp Range, ±25 ppm Stability,
Output Enabled, Pin 1 Enable/Disable,
Standard Option, 200 MHz, 1000/Reel
b) VC-714-HDW-KAAN-125M000000TR:
VC-714, 2.5VDC, LVDS Output, –10°C to
+70°C Temp Range, ±50 ppm Stability,
Output Enabled, Pin 1 Enable/Disable,
Standard Option, 125 MHz, 1000/Reel
Device:
VC-714:
LVPECL, LVDS Crystal Oscillator in
6-Lead 7 mm x 5 mm LDFN
Power Supply:
E
=
3.3VDC ±5%
H
=
2.5VDC ±5%
Output:
C
=
LVPECL
D
=
LVDS
Temperature
Range:
E
=
–40°C to +85°C
F
=
–40°C to +105°C
G
=
–40°C to +125°C
W
=
–10°C to +70°C
Stability:
E
=
±20 ppm
F
=
±25 ppm
K
=
±50 ppm
S
=
±100 ppm
Enable/Disable
Logic:
A
=
Output Enabled with a Logic High or Open
Enable/Disable
Pin:
A
=
Pin 1 (Pin 2 = No Connect)
Custom
Options:
N
=
Standard option
Frequency:
xxxMxxxxxx=Frequency in MHz
Packaging:
TR =
1,000/Reel
<blank>= Cut Tape/ non-TR quantities
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This identifier is
used for ordering purposes and is not printed on
the device package. Check with your Microchip
Sales Office for package availability with the
Tape and Reel option.
Device
-X
X
X
-X
X
X
X
-XXXXXXXXXX
XX
Part No.
Power
Supply
Output
Temp.
Range
Stability
E/D Logic
E/D Pin
Custom
Options
Frequency
Packaging



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com