Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KCD2-R Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # KCD2-R
Description  Sensor output interface terminal
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

KCD2-R Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  KCD2-R Datasheet HTML 1Page - Pepperl+Fuchs Inc. KCD2-R Datasheet HTML 2Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Sensor output interface terminal
KCD2-R
< Relay output with 1 pole, yellow LED indicates switching state
< Free-wheeling diode
< Compact terminal housing
< Clips onto standard 35 mm rail to DIN EN 50 022
< Degree of protection IP20
Sensor output interface terminals with relay output
Dimensions
40
20
5
4
6
2
1
3
LED
Technical Data
Functional safety related parameters
MTTFd
19699 a
Indicators/operating means
LED yellow
switch output
Electrical specifications
Operating voltage
UB
24 V DC ± 15 %
Ripple
≤ 10 %
Operating current
IB
16 mA
Input
1
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com


Similar Part No. - KCD2-R

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
KCD2-RR2-EX1 PF-KCD2-RR2-EX1 Datasheet
1Mb / 6P
Resistance Repeater
KCD2-RR2-EX1.SP PF-KCD2-RR2-EX1.SP Datasheet
1Mb / 6P
Resistance Repeater
More results

Similar Description - KCD2-R

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS6511 LSI-LS6511 Datasheet
46Kb / 4P
PIR SENSOR INTERFACE
logo
Melexis Microelectronic...
MLX90314 MELEXIS-MLX90314 Datasheet
3Mb / 28P
Programmable Sensor Interface
logo
Texas Instruments
TPIC8101 TI-TPIC8101_05 Datasheet
324Kb / 20P
KNOCK SENSOR INTERFACE
logo
LSI Computer Systems
LS6505 LSI-LS6505_06 Datasheet
67Kb / 4P
PIR SENSOR INTERFACE
logo
Melexis Microelectronic...
MLX90314 MELEXIS-MLX90314_17 Datasheet
1Mb / 33P
Programmable Sensor Interface
logo
Pepperl+Fuchs Inc.
KCD2-E2L PF-KCD2-E2L Datasheet
182Kb / 2P
Sensor output interface terminals
KCD2-E1 PF-KCD2-E1 Datasheet
689Kb / 2P
Sensor output interface terminal
KCD2-E3 PF-KCD2-E3 Datasheet
648Kb / 3P
Sensor output interface terminal
KCD2-EL PF-KCD2-EL Datasheet
725Kb / 4P
Sensor output interface terminal
logo
Infineon Technologies A...
KP276C1505 INFINEON-KP276C1505 Datasheet
1Mb / 27P
Digital Absolute Pressure Sensor dTurboTMAP with SENT Output and Temperature Sensor Interface
Revision 1.1 2019-11-11
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com