Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KCD2-R Datasheet(PDF) 2 Page - Pepperl+Fuchs Inc.

Part # KCD2-R
Description  Sensor output interface terminal
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

KCD2-R Datasheet(HTML) 2 Page - Pepperl+Fuchs Inc.

  KCD2-R Datasheet HTML 1Page - Pepperl+Fuchs Inc. KCD2-R Datasheet HTML 2Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Technical Data
Connection
terminals 2+, 3-
Connectable sensor types
PNP or NPN 3-wire sensors
Output
Switching frequency
f
≤ 10 Hz
Relay
1 changeover contact
Contact loading
30 V DC/2 A resistive load
Delay
Pull-in: approx. 6 ms
Drop-out: approx. 2 ms
Mechanical life
≥108 switching cycles
Directive conformity
Electromagnetic compatibility
Directive 2014/30/EU
EN 61326-1:2013
Standard conformity
Degree of protection
EN 60529:2000
Noise immunity
EN 61326-1:2013
Ambient conditions
Ambient temperature
-25 ... 60 °C (-13 ... 140 °F)
Storage temperature
-25 ... 85 °C (-13 ... 185 °F)
Mechanical specifications
Degree of protection
IP20
Connection
self-opening apparatus connection terminals,
max. core cross-section 0.34 ... 2.5 mm2
Mass
60 g
Dimensions
20 mm x 60 mm x 40 mm
Connection
5
6
4
2+
3-
Output
Input
Sensor output interface terminal
KCD2-R
2
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com