Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS84427CM Datasheet(PDF) 10 Page - Integrated Circuit Systems

Part # ICS84427CM
Description  CRYSTAL-TO-LVDS INTEGRATED FREQUENCY SYNTHESIZER/FANOUT BUFFER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS84427CM Datasheet(HTML) 10 Page - Integrated Circuit Systems

Back Button ICS84427CM Datasheet HTML 5Page - Integrated Circuit Systems ICS84427CM Datasheet HTML 6Page - Integrated Circuit Systems ICS84427CM Datasheet HTML 7Page - Integrated Circuit Systems ICS84427CM Datasheet HTML 8Page - Integrated Circuit Systems ICS84427CM Datasheet HTML 9Page - Integrated Circuit Systems ICS84427CM Datasheet HTML 10Page - Integrated Circuit Systems ICS84427CM Datasheet HTML 11Page - Integrated Circuit Systems ICS84427CM Datasheet HTML 12Page - Integrated Circuit Systems ICS84427CM Datasheet HTML 13Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
84427CM
www.icst.com/products/hiperclocks.html
REV. D NOVEMBER 30, 2005
10
Integrated
Circuit
Systems, Inc.
ICS84427
CRYSTAL-TO-LVDS
INTEGRATED FREQUENCY SYNTHESIZER/FANOUT BUFFER
PRELIMINARY
The following component footprints are used in this layout
example:
All the resistors and capacitors are size 0603.
POWER AND GROUNDING
Place the decoupling capacitors C3, C5 and C6, as close as
possible to the power pins. If space allows, placement of the
decoupling capacitor on the component side is preferred. This
can reduce unwanted inductance between the decoupling ca-
pacitor and the power pin caused by the via.
Maximize the power and ground pad sizes and number of vias
capacitors. This can reduce the inductance between the power
and ground planes and the component power and ground pins.
The RC filter consisting of R7, C11, and C16 should be placed
as close to the V
DDA pin as possible.
CLOCK TRACES AND TERMINATION
Poor signal integrity can degrade the system performance or
cause system failure. In synchronous high-speed digital systems,
the clock signal is less tolerant to poor signal integrity than other
signals. Any ringing on the rising or falling edge or excessive ring
back can cause system failure. The shape of the trace and the
trace delay might be restricted by the available space on the board
and the component location. While routing the traces, the clock
signal traces should be routed first and should be locked prior to
routing other signal traces.
• The differential 100
Ω output traces should have the
same length.
• Avoid sharp angles on the clock trace. Sharp angle
turns cause the characteristic impedance to change
on the transmission lines.
• Keep the clock traces on the same layer. Whenever
possible, avoid placing vias on the clock traces. Place-
ment of vias on the traces can affect the trace charac-
teristic impedance and hence degrade signal integ-
rity.
• To prevent cross talk, avoid routing other signal traces
in parallel with the clock traces. If running parallel traces
is unavoidable, allow a separation of at least three
trace widths between the differential clock trace and
the other signal trace.
• Make sure no other signal traces are routed between
the clock trace pair.
• The matching termination resistors should be located as
close to the receiver input pins as possible.
CRYSTAL
The crystal X1 should be located as close as possible to the pins
20 (XTAL_IN) and 19 (XTAL_OUT). The trace length between
the X1 and U1 should be kept to a minimum to avoid unwanted
parasitic inductance and capacitance. Other signal traces
should not be routed near the crystal traces.
FIGURE 4B. PCB BOARD LAYOUT FOR ICS84427
VDDA
X1
C1
C5
U1
Signals
C6
ICS84427
VDD
C2
Pin1
C3
VIA
C16
C11
50 Ohm Traces
R7
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com