Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS84427CM Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS84427CM
Description  CRYSTAL-TO-LVDS INTEGRATED FREQUENCY SYNTHESIZER/FANOUT BUFFER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS84427CM Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS84427CM Datasheet HTML 1Page - Integrated Circuit Systems ICS84427CM Datasheet HTML 2Page - Integrated Circuit Systems ICS84427CM Datasheet HTML 3Page - Integrated Circuit Systems ICS84427CM Datasheet HTML 4Page - Integrated Circuit Systems ICS84427CM Datasheet HTML 5Page - Integrated Circuit Systems ICS84427CM Datasheet HTML 6Page - Integrated Circuit Systems ICS84427CM Datasheet HTML 7Page - Integrated Circuit Systems ICS84427CM Datasheet HTML 8Page - Integrated Circuit Systems ICS84427CM Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
84427CM
www.icst.com/products/hiperclocks.html
REV. D NOVEMBER 30, 2005
1
Integrated
Circuit
Systems, Inc.
ICS84427
CRYSTAL-TO-LVDS
INTEGRATED FREQUENCY SYNTHESIZER/FANOUT BUFFER
PRELIMINARY
GENERAL DESCRIPTION
The ICS84427 is a Crystal-to-LVDS Frequency
Synthesizer/Fanout Buffer and a member of the
HiPerClockS™ family of High Performance Clock
Solutions from ICS. The output frequency can be
programmed using the frequency select pins. The
low phase noise characteristics of the ICS84427 make it an
ideal clock source for 10 Gigabit Ethernet, 10 Gigabit Fibre
Channel, OC3 and OC12 applications.
BLOCK DIAGRAM
PIN ASSIGNMENT
FEATURES
• Six LVDS outputs
• Crystal oscillator interface
• Output frequency range: 77.76MHz to 625MHz
• Crystal input frequency: 19.44MHz, 25MHz or 25.5MHz
• RMS phase jitter at 155.52MHz, using a 19.44MHz crystal
(12kHz to 20MHz): 3.4ps (typical)
Phase noise:
Offset
Noise Power
100Hz ................. -95 dBc/Hz
1kHz ............... -110 dBc/Hz
10kHz ............... -120 dBc/Hz
100kHz ............... -121 dBc/Hz
• 3.3V supply voltage
• 0°C to 70°C ambient operating temperature
• Industrial temperature information available upon request
• Available in both standard and lead-free RoHS-compliant
packages
HiPerClockS™
ICS
Q0:Q5
ICS84427
24-Lead, 300-MIL SOIC
7.5mm x 15.33mm x 2.3mm body package
M Package
Top View
Q0
nQ0
Q1
nQ1
Q2
nQ2
Q3
nQ3
Q4
nQ4
Q5
nQ5
1
2
3
4
5
6
7
8
9
10
11
12
VDD
F_SEL0
F_SEL1
MR
XTAL_IN
XTAL_OUT
F_SEL2
VDDA
VDD
PLL_SEL
GND
VDD
PLL
6/
Feedback
Divider
OSC
6/
Output
Divider
0
1
XTAL_IN
XTAL_OUT
F_SEL2
PLL_SEL
MR
F_SEL0
nQ0:nQ5
24
23
22
21
20
19
18
17
16
15
14
13
F_SEL1
FUNCTION TABLE
s
t
u
p
n
I
t
u
p
t
u
O
y
c
n
e
u
q
e
r
F
L
A
T
X
_
FR
M2
L
E
S
_
F1
L
E
S
_
F0
L
E
S
_
FT
U
O
_
F
X1
X
X
X
W
O
L
z
H
M
4
4
.
9
10
1
0
0
z
H
M
6
7
.
7
7
z
H
M
4
4
.
9
10
1
0
1
z
H
M
2
5
.
5
5
1
z
H
M
4
4
.
9
10
1
1
0
z
H
M
4
0
.
1
1
3
z
H
M
4
4
.
9
10
1
1
1
z
H
M
8
0
.
2
2
6
z
H
M
5
20
0
0
0
z
H
M
5
2
1
.
8
7
z
H
M
5
20
0
0
1
z
H
M
5
2
.
6
5
1
z
H
M
5
20
0
1
0
z
H
M
5
.
2
1
3
z
H
M
5
20
0
1
1
z
H
M
5
2
6
z
H
M
5
.
5
20
0
0
1
z
H
M
5
7
3
.
9
5
1
The Preliminary Information presented herein represents a product in prototyping or pre-production. The noted characteristics are based on initial
product characterization. Integrated Circuit Systems, Incorporated (ICS) reserves the right to change any circuitry or specifications without notice.


Similar Part No. - ICS84427CM

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS84427CMLF IDT-ICS84427CMLF Datasheet
198Kb / 16P
Crystal-to-LVDS Integrated Frequency Synthesizer/Fanout Buffer
More results

Similar Description - ICS84427CM

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS844246 ICST-ICS844246 Datasheet
187Kb / 13P
FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
ICS844256 ICST-ICS844256 Datasheet
213Kb / 13P
FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
logo
Integrated Device Techn...
ICS844246 IDT-ICS844246 Datasheet
981Kb / 16P
FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
ICS844246I IDT-ICS844246I Datasheet
415Kb / 16P
FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
ICS844256 IDT-ICS844256 Datasheet
1Mb / 16P
FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
84427 IDT-84427 Datasheet
198Kb / 16P
Crystal-to-LVDS Integrated Frequency Synthesizer/Fanout Buffer
logo
Renesas Technology Corp
84427 RENESAS-84427 Datasheet
400Kb / 17P
Crystal-to-LVDS Integrated Frequency Synthesizer/Fanout Buffer
5/6/15
ICS844246D RENESAS-ICS844246D Datasheet
1Mb / 19P
FemtoClock® Crystal-to-LVDS Frequency Synthesizer w/Integrated Fanout Buffer
OCTOBER 20, 2011
ICS844246DI RENESAS-ICS844246DI Datasheet
471Kb / 21P
FemtoClock® Crystal-to-LVDS Frequency Synthesizer w/Integrated Fanout Buffer
NOVEMBER 28, 2012
ICS844256DI RENESAS-ICS844256DI Datasheet
1Mb / 19P
FemtoClock® Crystal-to-LVDS Frequency Synthesizer w/Integrated Fanout Buffer
AUGUST 5, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com