Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS85214 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS85214
Description  LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS85214 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS85214 Datasheet HTML 1Page - Integrated Circuit Systems ICS85214 Datasheet HTML 2Page - Integrated Circuit Systems ICS85214 Datasheet HTML 3Page - Integrated Circuit Systems ICS85214 Datasheet HTML 4Page - Integrated Circuit Systems ICS85214 Datasheet HTML 5Page - Integrated Circuit Systems ICS85214 Datasheet HTML 6Page - Integrated Circuit Systems ICS85214 Datasheet HTML 7Page - Integrated Circuit Systems ICS85214 Datasheet HTML 8Page - Integrated Circuit Systems ICS85214 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
85214AG
www.icst.com/products/hiperclocks.html
REV. A JULY 17, 2003
1
Integrated
Circuit
Systems, Inc.
ICS85214
LOW SKEW, 1-TO-5
DIFFERENTIAL-TO-HSTL FANOUT BUFFER
GENERAL DESCRIPTION
The ICS85214 is a low skew, high performance
1-to-5 Differential-to-HSTL Fanout Buffer and a
member of the HiPerClockS™ family of High
Performance Clock Solutions from ICS. The
CLK0, nCLK0 pair can accept most standard dif-
ferential input levels. The single ended CLK1 input accepts
LVCMOS or LVTTL input levels. Guaranteed output and part-
to-part skew characteristics make the ICS85214 ideal for
those clock distribution applications demanding well de-
fined performance and repeatability.
FEATURES
• 5 differential HSTL compatible outputs
• Selectable differential CLK0, nCLK0 or LVCMOS/LVTTL
clock inputs
• CLK0, nCLK0 pair can accept the following differential
input levels: LVDS, LVPECL, HSTL, SSTL, HCSL
• CLK1 can accept the following input levels:
LVCMOS or LVTTL
• Output frequency up to 700MHz
• Translates any single ended input signal to HSTL levels
with resistor bias on nCLK0 input
• Output skew: 30ps (maximum)
• Part-to-part skew: 250ps (maximum)
• Propagation delay: 1.8ns (maximum)
• 3.3V core, 1.8V output operating supply
• 0°C to 85°C ambient operating temperature
• Industrial temperature information available upon request
HiPerClockS™
,&6
BLOCK DIAGRAM
PIN ASSIGNMENT
Q0
nQ0
Q1
nQ1
Q2
nQ2
Q3
nQ3
Q4
nQ4
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
VDDO
nCLK_EN
VDD
nc
CLK1
CLK0
nCLK0
nc
CLK_SEL
GND
ICS85214
20-Lead TSSOP
6.5mm x 4.4mm x 0.92mm package body
G Package
Top View
CLK0
nCLK0
CLK1
Q0
nQ0
Q1
nQ1
Q2
nQ2
Q3
nQ3
Q4
nQ4
0
1
nCLK_EN
CLK_SEL
D
Q
LE
0
1


Similar Part No. - ICS85214

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS85214 RENESAS-ICS85214 Datasheet
483Kb / 16P
LOW SKEW, 1-TO-5, DIFFERENTIAL-TOHSTL FANOUT BUFFER
JUNE 3, 2016
logo
Integrated Circuit Syst...
ICS85214AGI ICST-ICS85214AGI Datasheet
189Kb / 15P
LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
REV. A JUNE 1, 2005
ICS85214AGIL ICST-ICS85214AGIL Datasheet
189Kb / 15P
LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
REV. A JUNE 1, 2005
ICS85214AGILF ICST-ICS85214AGILF Datasheet
189Kb / 15P
LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
REV. A JUNE 1, 2005
ICS85214I ICST-ICS85214I Datasheet
189Kb / 15P
LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
REV. A JUNE 1, 2005
More results

Similar Description - ICS85214

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8524 ICST-ICS8524 Datasheet
318Kb / 6P
LOW SKEW, 1-TO-22 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
REV. B SEPTEMBER 18, 2003
ICS8523I ICST-ICS8523I Datasheet
230Kb / 16P
LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
REV. C SEPTEMBER 16, 2004
ICS8521I ICST-ICS8521I Datasheet
157Kb / 14P
LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
REV. A NOVEMBER 17, 2005
ICS85210-21 ICST-ICS85210-21 Datasheet
246Kb / 13P
LOW SKEW, DUAL, 1-TO-5 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
REV. A OCTOBER 6, 2003
ICS85210-31 ICST-ICS85210-31 Datasheet
257Kb / 14P
LOW SKEW, DUAL, 1-TO-5 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
REV. B MARCH 19, 2004
ICS85211I-01 ICST-ICS85211I-01 Datasheet
163Kb / 13P
LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
REV. A NOVEMBER 1, 2005
ICS85214I ICST-ICS85214I Datasheet
189Kb / 15P
LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
REV. A JUNE 1, 2005
ICS852911I ICST-ICS852911I Datasheet
215Kb / 15P
LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
logo
Renesas Technology Corp
852911I RENESAS-852911I Datasheet
270Kb / 17P
Low Skew, 1-to-9 Differential-to-HSTL Fanout Buffer
January 21, 2016
ICS85214I RENESAS-ICS85214I Datasheet
391Kb / 17P
Low Skew, 1-to-5, Differential-to-HSTL Fanout Buffer
2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com