Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS85214 Datasheet (PDF) - Renesas Technology Corp

ICS85214 Datasheet PDF - Renesas Technology Corp
Part # ICS85214
Download  ICS85214 Download
File Size   483.58 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LOW SKEW, 1-TO-5, DIFFERENTIAL-TOHSTL FANOUT BUFFER

ICS85214 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS85214 Datasheet PDF - Renesas Technology Corp

Part # ICS85214
Download  ICS85214 Click to download

File Size   483.58 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LOW SKEW, 1-TO-5, DIFFERENTIAL-TOHSTL FANOUT BUFFER

ICS85214 Datasheet (HTML) - Renesas Technology Corp


ICS85214 Product details

• Five differential HSTL compatible outputs
• Selectable differential CLK0, CLK0 or LVCMOS/LVTTL clock
inputs
• CLK0, CLK0 pair can accept the following differential input
levels: LVPECL, LVDS, HSTL, HCSL, SSTL
• CLK1 can accept the following input levels: LVCMOS or LVTTL
• Output frequency up to: 700MHz
• Translates any single-ended input signal to HSTL levels with
resistor bias on CLK0 input
• Output skew: 30ps (maximum)
• Part-to-part skew: 250ps (maximum)
• Propagation delay: 1.8ns (maximum)
• 3.3V core, 1.8V output operating supply
• 0°C to 85°C ambient operating temperature
• Industrial temperature information available upon request
• Available in lead-free (RoHS 6) package
• For functional replacement part use 8523




Similar Part No. - ICS85214

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS85214 ICST-ICS85214 Datasheet
119Kb / 16P
LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
REV. A JULY 17, 2003
ICS85214AG ICST-ICS85214AG Datasheet
119Kb / 16P
LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
REV. A JULY 17, 2003
ICS85214AGI ICST-ICS85214AGI Datasheet
189Kb / 15P
LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
REV. A JUNE 1, 2005
ICS85214AGIL ICST-ICS85214AGIL Datasheet
189Kb / 15P
LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
REV. A JUNE 1, 2005
ICS85214AGILF ICST-ICS85214AGILF Datasheet
189Kb / 15P
LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
REV. A JUNE 1, 2005
More results


Similar Description - ICS85214

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS85304-01 ICST-ICS85304-01 Datasheet
154Kb / 13P
LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
REV. B JULY 13, 2001
logo
Integrated Device Techn...
IDT85304 IDT-IDT85304 Datasheet
77Kb / 11P
LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
logo
Integrated Circuit Syst...
ICS85210-31 ICST-ICS85210-31 Datasheet
257Kb / 14P
LOW SKEW, DUAL, 1-TO-5 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
REV. B MARCH 19, 2004
ICS85214 ICST-ICS85214 Datasheet
119Kb / 16P
LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
REV. A JULY 17, 2003
ICS85214I ICST-ICS85214I Datasheet
189Kb / 15P
LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
REV. A JUNE 1, 2005
logo
Texas Instruments
LMK00725 TI1-LMK00725 Datasheet
1,006Kb / 23P
Low Skew, 1-to-5, Differential-to-3.3V LVPECL Fanout Buffer
logo
Integrated Device Techn...
ICS85304I-01 IDT-ICS85304I-01 Datasheet
216Kb / 15P
Low Skew, 1-to-5, Differential-To-3.3V LVPECL Fanout Buffer
logo
Renesas Technology Corp
ICS85304I-01 RENESAS-ICS85304I-01 Datasheet
510Kb / 16P
Low Skew, 1-to-5, Differential-To3.3V LVPECL Fanout Buffer
FEBRUARY 4, 2013
ICS854S015I-01 RENESAS-ICS854S015I-01 Datasheet
1Mb / 28P
Low Skew, 1-to-5, Differential-to-LVDS/LVPECL Fanout Buffer
OCTOBER 4, 2011
ICS85214I RENESAS-ICS85214I Datasheet
391Kb / 17P
Low Skew, 1-to-5, Differential-to-HSTL Fanout Buffer
2016
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com