Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS85304I-01 Datasheet (PDF) - Renesas Technology Corp

ICS85304I-01 Datasheet PDF - Renesas Technology Corp
Part # ICS85304I-01
Download  ICS85304I-01 Download
File Size   510.79 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Skew, 1-to-5, Differential-To3.3V LVPECL Fanout Buffer

ICS85304I-01 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS85304I-01 Datasheet PDF - Renesas Technology Corp

Part # ICS85304I-01
Download  ICS85304I-01 Click to download

File Size   510.79 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Skew, 1-to-5, Differential-To3.3V LVPECL Fanout Buffer

ICS85304I-01 Datasheet (HTML) - Renesas Technology Corp


ICS85304I-01 Product details

General Description
The ICS85304I-01 is a low skew, high performance 1-to-5
Differential-to-3.3V LVPECL fanout buffer. The ICS85304I-01 has
two selectable clock inputs. The CLKx, nCLKx pairs can accept most
standard differential input levels. The clock enable is internally
synchronized to eliminate runt clock pulses on the outputs during
asynchronous assertion/ deassertion of the clock enable pin.
Guaranteed output and part-to-part skew characteristics make the
ICS85304I-01 ideal for those applications demanding well defined
performance and repeatability.
Features
• Five 3.3V differential LVPECL output pairs
• Selectable differential CLKx, nCLKx input pairs
• CLKx, nCLKx input pairs can accept the following differential
levels: LVDS, LVPECL, LVHSTL and HCSL levels
• Maximum output frequency: 650MHz
• Translates any single-ended input signal to 3.3V LVPECL levels
with resistor bias on nCLKx inputs
• Output skew: 60ps (maximum)
• Part-to-part skew: 300ps (maximum)
• Propagation delay: 2.1ns (maximum)
• Full 3.3V supply mode
• -40°C to 85°C ambient operating temperature
• Lead-free (RoHS 6) package




Similar Part No. - ICS85304I-01

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS85304I-01 IDT-ICS85304I-01 Datasheet
216Kb / 15P
Low Skew, 1-to-5, Differential-To-3.3V LVPECL Fanout Buffer
More results


Similar Description - ICS85304I-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS85304-01 ICST-ICS85304-01 Datasheet
154Kb / 13P
LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
REV. B JULY 13, 2001
logo
Integrated Device Techn...
IDT85304 IDT-IDT85304 Datasheet
77Kb / 11P
LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
logo
Integrated Circuit Syst...
ICS85314-01 ICST-ICS85314-01 Datasheet
112Kb / 15P
LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-2.5V/3.3V LVPECL FANOUT BUFFER
REV. B JUNE 21, 2002
logo
Integrated Device Techn...
85304AG-01LFT IDT-85304AG-01LFT Datasheet
197Kb / 15P
Low Skew, 1-to-5, Differential-to-3.3V LVPECL Fanout Buffer
logo
Texas Instruments
LMK00725 TI1-LMK00725 Datasheet
1,006Kb / 23P
Low Skew, 1-to-5, Differential-to-3.3V LVPECL Fanout Buffer
logo
Integrated Device Techn...
ICS85304I-01 IDT-ICS85304I-01 Datasheet
216Kb / 15P
Low Skew, 1-to-5, Differential-To-3.3V LVPECL Fanout Buffer
ICS854S015I-01 IDT-ICS854S015I-01 Datasheet
940Kb / 27P
Low Skew, 1-to-5, Differential-to-LVDS/LVPECL Fanout Buffer
logo
Renesas Technology Corp
ICS853S310I RENESAS-ICS853S310I Datasheet
1Mb / 18P
Low Skew, 1-to-8 Differential-to3.3V LVPECL/ECL Fanout Buffer
NOVEMBER 17, 2010
ICS854S015I-01 RENESAS-ICS854S015I-01 Datasheet
1Mb / 28P
Low Skew, 1-to-5, Differential-to-LVDS/LVPECL Fanout Buffer
OCTOBER 4, 2011
85304-01 RENESAS-85304-01 Datasheet
593Kb / 16P
Low Skew, 1-to-5, Differential-to-3.3V LVPECL Fanout Buffer
December 2, 2015
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com