Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS853S310I Datasheet (PDF) - Renesas Technology Corp

ICS853S310I Datasheet PDF - Renesas Technology Corp
Part # ICS853S310I
Download  ICS853S310I Download
File Size   1045.86 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Skew, 1-to-8 Differential-to3.3V LVPECL/ECL Fanout Buffer

ICS853S310I Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS853S310I Datasheet PDF - Renesas Technology Corp

Part # ICS853S310I
Download  ICS853S310I Click to download

File Size   1045.86 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Skew, 1-to-8 Differential-to3.3V LVPECL/ECL Fanout Buffer

ICS853S310I Datasheet (HTML) - Renesas Technology Corp


ICS853S310I Product details

General Description
The ICS853S310I is a low skew, high performance 1-to-8
Differential-to-3.3V LVPECL/ECL Fanout Buffer. The PCLKx,
nPCLKx pairs can accept LVPECL, LVDS, CML and SSTL
differential input levels. The ICS853S310I is characterized to operate
from a 3.3V power supply. Guaranteed output and part-to-part skew
characteristics make the ICS853S310I ideal for those clock
distribution applications demanding well defined performance and
repeatability.
Features
• Eight differential 3.3V LVPECL/ECL outputs
• Two selectable differential input pairs
• PCLKx, nPCLKx pairs can accept the following
differential input levels: LVPECL, LVDS, CML, SSTL
• Maximum output frequency: 2GHz
• Translates any single-ended input signal to 3.3V LVPECL levels
with resistor bias on nPCLKx input
• Output skew: 20ps (typical)
• Propagation delay: 825ps (typical)
• Additive phase jitter, RMS: 0.14ps (typical)
• LVPECL mode operating voltage supply range:
VCC = 3.0V to 3.8V, VEE = 0V
• ECL mode operating voltage supply range:
VCC = 0V, VEE = -3.0V to -3.8V
• -40°C to 85°C ambient operating temperature
• Available lead-free (RoHS 6) package




Similar Part No. - ICS853S310I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS853S310I IDT-ICS853S310I Datasheet
844Kb / 17P
Two selectable differential input pairs
More results


Similar Description - ICS853S310I

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS853011 ICST-ICS853011 Datasheet
245Kb / 16P
LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
REV. C JULY 13, 2005
ICS889831 ICST-ICS889831 Datasheet
663Kb / 18P
LOW SKEW, 1-TO-4 DIFFERENTIAL LVPECL-TO-LVPECL/ECL FANOUT BUFFER
REV. A JUNE 16, 2005
ICS853111-01 ICST-ICS853111-01 Datasheet
230Kb / 15P
LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-3.3V LVPECL/ECL FANOUT BUFFER
ICS853111A ICST-ICS853111A Datasheet
320Kb / 18P
LOW SKEW, 1-TO-10 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
REV. B MAY 14, 2004
logo
Integrated Device Techn...
ICS853111-01 IDT-ICS853111-01 Datasheet
214Kb / 15P
LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-3.3V LVPECL/ECL FANOUT BUFFER
85310I-01 IDT-85310I-01 Datasheet
281Kb / 18P
Low Skew, 1-to-10 Differential-to-3.3V, 2.5V LVPECL/ECL Fanout Buffer
logo
Renesas Technology Corp
85311I RENESAS-85311I Datasheet
628Kb / 18P
Low Skew, 1-to-2, Differential-to-2.5V, 3.3V LVPECL/ ECL Fanout Buffer
February 18, 2016
ICS85304I-01 RENESAS-ICS85304I-01 Datasheet
510Kb / 16P
Low Skew, 1-to-5, Differential-To3.3V LVPECL Fanout Buffer
FEBRUARY 4, 2013
ICS853S006I RENESAS-ICS853S006I Datasheet
709Kb / 20P
Low Skew, 1-to-6, Differential-to2.5V, 3.3V LVPECL/ECL Fanout Buffer
NOVEMBER 15, 2011
853S111AI RENESAS-853S111AI Datasheet
481Kb / 21P
Skew, 1-to-10, Differential-to-LVPECL/ECL Fanout Buffer
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com