Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS85214 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICS85214
Description  LOW SKEW, 1-TO-5, DIFFERENTIAL-TOHSTL FANOUT BUFFER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS85214 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICS85214 Datasheet HTML 1Page - Renesas Technology Corp ICS85214 Datasheet HTML 2Page - Renesas Technology Corp ICS85214 Datasheet HTML 3Page - Renesas Technology Corp ICS85214 Datasheet HTML 4Page - Renesas Technology Corp ICS85214 Datasheet HTML 5Page - Renesas Technology Corp ICS85214 Datasheet HTML 6Page - Renesas Technology Corp ICS85214 Datasheet HTML 7Page - Renesas Technology Corp ICS85214 Datasheet HTML 8Page - Renesas Technology Corp ICS85214 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LOW SKEW, 1-TO-5, DIFFERENTIAL-TO-
HSTL FANOUT BUFFER
ICS85214
IDT™ / ICS™ HSTL FANOUT BUFFER
1
ICS85214AG
REV. B
JUNE 3, 2016
General Description
The ICS85214 is a low skew, high performance
1-to-5 Differential-to-HSTL Fanout Buffer and a
member of the HiPerClockS™ family of High
Performance Clock Solutions from IDT. The CLK0,
CLK0 pair can accept most standard differential
input levels. The single ended CLK1 input accepts LVCMOS or
LVTTL input levels. Guaranteed output and part-to-part skew
characteristics make the ICS85214 ideal for those clock distri-
bution applications demanding well defined performance and
repeatability.
Block Diagram
Features
• Five differential HSTL compatible outputs
• Selectable differential CLK0, CLK0 or LVCMOS/LVTTL clock
inputs
• CLK0, CLK0 pair can accept the following differential input
levels: LVPECL, LVDS, HSTL, HCSL, SSTL
• CLK1 can accept the following input levels: LVCMOS or LVTTL
• Output frequency up to: 700MHz
• Translates any single-ended input signal to HSTL levels with
resistor bias on CLK0 input
• Output skew: 30ps (maximum)
• Part-to-part skew: 250ps (maximum)
• Propagation delay: 1.8ns (maximum)
• 3.3V core, 1.8V output operating supply
• 0°C to 85°C ambient operating temperature
• Industrial temperature information available upon request
• Available in lead-free (RoHS 6) package
• For functional replacement part use 8523
Pin Assignment
ICS85214
20-Lead TSSOP
6.5mm x 4.4mm x 0.925mm
package body
G Package
Top View
HiPerClockS™
ICS
0
1
D
Q
LE
0
1
Q0
Q0
Q1
Q1
Q2
Q2
Q3
Q3
Q4
Q4
CLK_EN
CLK0
CLK0
CLK1
CLK_SEL Pulldown
Pulldown
Pulldown
Pulldown
Pullup
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
Q4
Q3
Q3
Q2
Q2
Q1
Q1
Q0
Q0
Q4
VDDO
CLK_EN
VDD
nc
CLK1
CLK0
CLK0
nc
CLK_SEL
GND
PRODUCT DISCONTINUATION NOTICE - LAST TIME BUY EXPIRES MAY 6, 2017


Similar Part No. - ICS85214

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS85214 ICST-ICS85214 Datasheet
119Kb / 16P
LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
REV. A JULY 17, 2003
ICS85214AG ICST-ICS85214AG Datasheet
119Kb / 16P
LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
REV. A JULY 17, 2003
ICS85214AGI ICST-ICS85214AGI Datasheet
189Kb / 15P
LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
REV. A JUNE 1, 2005
ICS85214AGIL ICST-ICS85214AGIL Datasheet
189Kb / 15P
LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
REV. A JUNE 1, 2005
ICS85214AGILF ICST-ICS85214AGILF Datasheet
189Kb / 15P
LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
REV. A JUNE 1, 2005
More results

Similar Description - ICS85214

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS85304-01 ICST-ICS85304-01 Datasheet
154Kb / 13P
LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
REV. B JULY 13, 2001
logo
Integrated Device Techn...
IDT85304 IDT-IDT85304 Datasheet
77Kb / 11P
LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
logo
Integrated Circuit Syst...
ICS85210-31 ICST-ICS85210-31 Datasheet
257Kb / 14P
LOW SKEW, DUAL, 1-TO-5 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
REV. B MARCH 19, 2004
ICS85214 ICST-ICS85214 Datasheet
119Kb / 16P
LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
REV. A JULY 17, 2003
ICS85214I ICST-ICS85214I Datasheet
189Kb / 15P
LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
REV. A JUNE 1, 2005
logo
Texas Instruments
LMK00725 TI1-LMK00725 Datasheet
1,006Kb / 23P
Low Skew, 1-to-5, Differential-to-3.3V LVPECL Fanout Buffer
logo
Integrated Device Techn...
ICS85304I-01 IDT-ICS85304I-01 Datasheet
216Kb / 15P
Low Skew, 1-to-5, Differential-To-3.3V LVPECL Fanout Buffer
logo
Renesas Technology Corp
ICS85304I-01 RENESAS-ICS85304I-01 Datasheet
510Kb / 16P
Low Skew, 1-to-5, Differential-To3.3V LVPECL Fanout Buffer
FEBRUARY 4, 2013
ICS854S015I-01 RENESAS-ICS854S015I-01 Datasheet
1Mb / 28P
Low Skew, 1-to-5, Differential-to-LVDS/LVPECL Fanout Buffer
OCTOBER 4, 2011
ICS85214I RENESAS-ICS85214I Datasheet
391Kb / 17P
Low Skew, 1-to-5, Differential-to-HSTL Fanout Buffer
2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com