Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS85214 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # ICS85214
Description  LOW SKEW, 1-TO-5, DIFFERENTIAL-TOHSTL FANOUT BUFFER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS85214 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button ICS85214 Datasheet HTML 8Page - Renesas Technology Corp ICS85214 Datasheet HTML 9Page - Renesas Technology Corp ICS85214 Datasheet HTML 10Page - Renesas Technology Corp ICS85214 Datasheet HTML 11Page - Renesas Technology Corp ICS85214 Datasheet HTML 12Page - Renesas Technology Corp ICS85214 Datasheet HTML 13Page - Renesas Technology Corp ICS85214 Datasheet HTML 14Page - Renesas Technology Corp ICS85214 Datasheet HTML 15Page - Renesas Technology Corp ICS85214 Datasheet HTML 16Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
ICS85214
LOW SKEW, 1-TO-5, DIFFERENTIAL-TO-HSTL FANOUT BUFFER
IDT™ / ICS™ HSTL FANOUT BUFFER
14
ICS85214AG
REV. B
JUNE 3, 2016
Revision History Sheet
Rev
Table
Page
Description of Change
Date
A
T2
2
Changed LVHSTL to HSTL throughout the datasheet.
Pin Characteristics Table - changed CIN 4pF max. to 4pF typical
7/17/03
A
T9
1
9
13
Features Section - added Lead-Free Bullet.
Added Recommendation of Unused Input and Output Pins.
Ordering Information Table - added Lead-Free part number, marking, and note.
Changed format throughout the datasheet.
3/13/07
B
T3B
3
8
Clock Input Function Table - corrected CLK0 column from 0 (1st row) to 1 and
1 (2nd row) to 0.
Updated Differential Clock Input Interface section.
2/25/08
B
T9
13
Removed leaded orderable parts from Ordering Information table
11/15/12
B
Product Discontinuation Notice - Last time buy expires May 6, 2017.
PDN CQ-16-01
6/3/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com