Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS85222AM-01 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS85222AM-01
Description  DUAL LVCMOS / LVTTL-TO DIFFERENTIAL
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS85222AM-01 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS85222AM-01 Datasheet HTML 1Page - Integrated Circuit Systems ICS85222AM-01 Datasheet HTML 2Page - Integrated Circuit Systems ICS85222AM-01 Datasheet HTML 3Page - Integrated Circuit Systems ICS85222AM-01 Datasheet HTML 4Page - Integrated Circuit Systems ICS85222AM-01 Datasheet HTML 5Page - Integrated Circuit Systems ICS85222AM-01 Datasheet HTML 6Page - Integrated Circuit Systems ICS85222AM-01 Datasheet HTML 7Page - Integrated Circuit Systems ICS85222AM-01 Datasheet HTML 8Page - Integrated Circuit Systems ICS85222AM-01 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
85222AM-01
www.icst.com/products/hiperclocks.html
REV. A NOVEMBER 15, 2005
1
Integrated
Circuit
Systems, Inc.
ICS85222-01
DUAL LVCMOS / LVTTL-TO-
DIFFERENTIAL HSTL TRANSLATOR
GENERAL DESCRIPTION
The ICS85222-01 is a Dual LVCMOS / LVTTL-
to-Differential HSTL translator and a member of
the HiPerClocks™ family of High Performance
Clock Solutions from ICS. The ICS85222-01 has
two single ended clock inputs. The single ended
clock input accepts LVCMOS or LVTTL input levels and trans-
lates them to HSTL levels. The small outline 8-pin SOIC pack-
age makes this device ideal for applications where space,
high performance and low power are important.
FEATURES
• Two differential HSTL outputs
• CLK0, CLK1 LVCMOS/LVTTL clock inputs
• CLK0 and CLK1 can accept the following input levels:
LVCMOS or LVTTL
• Maximum output frequency: 350MHz
• Part-to-part skew: 375ps (maximum)
• Propagation delay: 1075ps (maximum)
• V
OH: 1.4V (maximum)
• Full 3.3V and 2.5V operating supply voltage
• 0°C to 70°C ambient operating temperature
• Industrial temperature information available upon request
• Available in both standard and lead-free RoHS-compliant
packages
BLOCK DIAGRAM
PIN ASSIGNMENT
ICS85222-01
8-Lead SOIC
3.90mm x 4.92mm x 1.37mm body package
M Package
Top View
Q0
nQ0
Q1
nQ1
1
2
3
4
Q0
nQ0
Q1
nQ1
CLK0
CLK1
HiPerClockS™
ICS
VDD
CLK0
CLK1
GND
8
7
6
5


Similar Part No. - ICS85222AM-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS85222AM-02 ICST-ICS85222AM-02 Datasheet
130Kb / 10P
1-TO-2 LVCMOS / LVTTL-TO DIFFERENTIAL HSTL TRANSLATOR
REV. A JANUARY 25, 2006
logo
Integrated Device Techn...
ICS85222AM-02 IDT-ICS85222AM-02 Datasheet
227Kb / 12P
1-TO-2, LVCMOS/LVTTL-TODIFFERENTIAL HSTL TRANSLATOR
logo
Integrated Circuit Syst...
ICS85222AM-02LF ICST-ICS85222AM-02LF Datasheet
130Kb / 10P
1-TO-2 LVCMOS / LVTTL-TO DIFFERENTIAL HSTL TRANSLATOR
REV. A JANUARY 25, 2006
logo
Integrated Device Techn...
ICS85222AM-02LF IDT-ICS85222AM-02LF Datasheet
227Kb / 12P
1-TO-2, LVCMOS/LVTTL-TODIFFERENTIAL HSTL TRANSLATOR
ICS85222AM-02LF IDT-ICS85222AM-02LF Datasheet
211Kb / 12P
1-to-2, LVCMOS/LVTTL-to-Differential HSTL Translator
More results

Similar Description - ICS85222AM-01

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EPT22 ONSEMI-MC100EPT22 Datasheet
65Kb / 4P
Dual LVTTL/LVCMOS to Differential LVPECL Translator
Sep, 1999 ??Rev. 2.0
MC100LVELT22 ONSEMI-MC100LVELT22 Datasheet
57Kb / 3P
Dual LVTTL/LVCMOS to Differential LVPECL Translator
1996 REV 0
logo
List of Unclassifed Man...
T73LVP22 ETC1-T73LVP22 Datasheet
293Kb / 4P
Dual 3.3V LVTTL/LVCMOS-to-Differential
logo
ON Semiconductor
MC100EPT22 ONSEMI-MC100EPT22_06 Datasheet
135Kb / 8P
3.3V Dual LVTTL/LVCMOS to Differential LVPECL to Differential LVPECL
December, 2006 ??Rev. 11
logo
Potato Semiconductor Co...
PO100HSTL22A POTATO-PO100HSTL22A Datasheet
520Kb / 6P
Dual LVTTL/LVCMOS to Differential HSTL Translator
logo
Micrel Semiconductor
SY89322V MICREL-SY89322V_09 Datasheet
47Kb / 5P
3.3V/5V DUAL LVTTL/LVCMOS-to-DIFFERENTIAL
SY100EPT22V MICREL-SY100EPT22V_08 Datasheet
74Kb / 6P
3.3V/5V DUAL LVTTL/LVCMOS-to-DIFFERENTIAL
logo
Integrated Device Techn...
85222 IDT-85222 Datasheet
152Kb / 13P
Dual LVCMOS / LVTTL-TO-Differential
85222-01 IDT-85222-01 Datasheet
184Kb / 14P
Dual LVCMOS / LVTTL-to-Differential HSTL Translator
logo
Renesas Technology Corp
85222 RENESAS-85222 Datasheet
358Kb / 14P
Dual LVCMOS / LVTTL-TO-Differential LVHSTL Translator
5/7/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com