Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS85301 Datasheet(PDF) 10 Page - Integrated Circuit Systems

Part # ICS85301
Description  2:1 DIFFERENTIAL-TO-LVPECL MULTIPLEXER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS85301 Datasheet(HTML) 10 Page - Integrated Circuit Systems

Back Button ICS85301 Datasheet HTML 6Page - Integrated Circuit Systems ICS85301 Datasheet HTML 7Page - Integrated Circuit Systems ICS85301 Datasheet HTML 8Page - Integrated Circuit Systems ICS85301 Datasheet HTML 9Page - Integrated Circuit Systems ICS85301 Datasheet HTML 10Page - Integrated Circuit Systems ICS85301 Datasheet HTML 11Page - Integrated Circuit Systems ICS85301 Datasheet HTML 12Page - Integrated Circuit Systems ICS85301 Datasheet HTML 13Page - Integrated Circuit Systems ICS85301 Datasheet HTML 14Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
85301AK
www.icst.com/products/hiperclocks.html
REV. A JANUARY 16, 2006
10
Integrated
Circuit
Systems, Inc.
ICS85301
2:1
DIFFERENTIAL-TO-LVPECL MULTIPLEXER
TERMINATION FOR 3.3V LVPECL OUTPUT
The clock layout topology shown below is a typical termi-
nation for LVPECL outputs. The two different layouts men-
tioned are recommended only as guidelines.
FOUT and nFOUT are low impedance follower outputs that
generate ECL/LVPECL compatible outputs. Therefore, ter-
minating resistors (DC current path to ground) or current
sources must be used for functionality. These outputs are
designed to drive 50
Ω transmission lines. Matched imped-
FIGURE 3B. LVPECL OUTPUT TERMINATION
FIGURE 3A. LVPECL OUTPUT TERMINATION
ance techniques should be used to maximize operating
frequency and minimize signal distortion. Figures 3A and
3B show two different layouts which are recommended only
as guidelines. Other suitable clock layouts may exist and it
would be recommended that the board designers simulate
to guarantee compatibility across all printed circuit and clock
component process variations.
V
CC - 2V
50
Ω
50
Ω
RTT
Z
o = 50Ω
Z
o = 50Ω
FOUT
FIN
RTT =
Z
o
1
((V
OH + VOL) / (VCC – 2)) – 2
3.3V
125
Ω
125
Ω
84
Ω
84
Ω
Z
o = 50Ω
Z
o = 50Ω
FOUT
FIN
INPUTS:
PCLK/nPCLK INPUT:
For applications not requiring the use of a differential input,
both the PCLK and nPCLK pins can be left floating. Though
not required, but for additional protection, a 1k
Ω resistor can
be tied from PCLK to ground.
RECOMMENDATIONS FOR UNUSED INPUT PINS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com