Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS85301 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS85301
Description  2:1 DIFFERENTIAL-TO-LVPECL MULTIPLEXER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS85301 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS85301 Datasheet HTML 1Page - Integrated Circuit Systems ICS85301 Datasheet HTML 2Page - Integrated Circuit Systems ICS85301 Datasheet HTML 3Page - Integrated Circuit Systems ICS85301 Datasheet HTML 4Page - Integrated Circuit Systems ICS85301 Datasheet HTML 5Page - Integrated Circuit Systems ICS85301 Datasheet HTML 6Page - Integrated Circuit Systems ICS85301 Datasheet HTML 7Page - Integrated Circuit Systems ICS85301 Datasheet HTML 8Page - Integrated Circuit Systems ICS85301 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
85301AK
www.icst.com/products/hiperclocks.html
REV. A JANUARY 16, 2006
1
Integrated
Circuit
Systems, Inc.
ICS85301
2:1
DIFFERENTIAL-TO-LVPECL MULTIPLEXER
GENERAL DESCRIPTION
The ICS85301 is a high performance 2:1 Differ-
ential-to-LVPECL Multiplexer and a member of the
HiPerClockS™family of High Performance Clock
Solutions from ICS. The ICS85301 can also per-
form differential translation because the differ-
ential inputs accept LVPECL, CML as well as LVDS levels.
The ICS85301 is packaged in a small 3mm x 3mm
16 VFQFN package, making it ideal for use on space con-
strained boards.
FEATURES
• 2:1 LVPECL MUX
• One LVPECL output
• Two differential clock inputs can accept: LVPECL, LVDS,
CML
• Maximum input/output frequency: 3GHz
• Translates LVCMOS/LVTTL input signals to LVPECL levels
by using a resistor bias network on nPCLK0, nPCLK0
• Propagation delay: 490ps (maximum)
• Part-to-part skew: 150ps (maximum)
• Additive phase jitter, RMS: 0.009ps (typical)
• Full 3.3V or 2.5V operating supply
• -40°C to 85°C ambient operating temperature
• Available in both standard and lead-free RoHS compliant
packages
BLOCK DIAGRAM
PIN ASSIGNMENT
HiPerClockS™
ICS
ICS85301
16-Lead VFQFN
3mm x 3mm x 0.95 package body
K Package
Top View
PCLK0
nPCLK0
PCLK1
nPCLK1
VEE
Q
nQ
VEE
1
2
3
4
12
11
10
9
5
6
7
8
16 15 14 13
0
1
PCLK0
nPCLK0
PCLK1
nPCLK1
CLK_SEL
V
BB
Q
nQ
PCLK0
nPCLK0
PCLK1
nPCLK1
VBB
CLK_SEL
nc
VCC
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
nc
VEE
VEE
VCC
VEE
Q
nQ
VEE
ICS85301
16-Lead TSSOP
4.4mm x 5.0mm x 0.92mm
package body
G Package
Top View


Similar Part No. - ICS85301

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS853011 ICST-ICS853011 Datasheet
245Kb / 16P
LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
REV. C JULY 13, 2005
ICS853011BM ICST-ICS853011BM Datasheet
245Kb / 16P
LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
REV. C JULY 13, 2005
ICS853011BMLF ICST-ICS853011BMLF Datasheet
245Kb / 16P
LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
REV. C JULY 13, 2005
ICS853011BMLFT ICST-ICS853011BMLFT Datasheet
245Kb / 16P
LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
REV. C JULY 13, 2005
ICS853011BMT ICST-ICS853011BMT Datasheet
245Kb / 16P
LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
REV. C JULY 13, 2005
More results

Similar Description - ICS85301

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS85354 ICST-ICS85354 Datasheet
222Kb / 16P
DUAL 2:1/1:2 DIFFERENTIAL -TO-LVPECL/ECL MULTIPLEXER
REV. B JUNE 8, 2004
logo
Maxim Integrated Produc...
MAX9380 MAXIM-MAX9380 Datasheet
166Kb / 8P
Single-Ended-to-Differential LVECL/LVPECL 2:1 Multiplexer
Rev 0; 10/01
logo
Integrated Device Techn...
853S54I-01 IDT-853S54I-01 Datasheet
334Kb / 20P
Dual 2:1, 1:2 Differential-to-LVPECL/ ECL Multiplexer
ICS853S54I IDT-ICS853S54I_17 Datasheet
322Kb / 21P
Dual 2:1, 1:2 Differential-to-LVPECL/ECL Multiplexer
853S54I-01 IDT-853S54I-01_17 Datasheet
324Kb / 20P
Dual 2:1, 1:2 Differential-to-LVPECL ECL Multiplexer
853S01 IDT-853S01 Datasheet
435Kb / 23P
2:1 Differential-to-LVPECL Multiplexer
logo
Renesas Technology Corp
853S01 RENESAS-853S01 Datasheet
683Kb / 24P
2:1 Differential-to-LVPECL Multiplexer
Revision B, March 4, 2016
853S54I-01 RENESAS-853S54I-01 Datasheet
708Kb / 21P
Dual 2:1, 1:2 Differential-to-LVPECL/ ECL Multiplexer
June 16, 2017
ICS853S54I RENESAS-ICS853S54I Datasheet
519Kb / 22P
Dual 2:1, 1:2 Differential-to-LVPECL/ECL Multiplexer
2019
ICS859S0212I RENESAS-ICS859S0212I Datasheet
1Mb / 24P
2:2, Differential-to-LVPECL/LVDS Clock Multiplexer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com