Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS85310AI11L Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS85310AI11L
Description  LOW SKEW, 1-TO-10 DIFFERENTIAL-TO-2.5V/3.3V ECL/LVPECL FANOUT BUFFER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS85310AI11L Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS85310AI11L Datasheet HTML 1Page - Integrated Circuit Systems ICS85310AI11L Datasheet HTML 2Page - Integrated Circuit Systems ICS85310AI11L Datasheet HTML 3Page - Integrated Circuit Systems ICS85310AI11L Datasheet HTML 4Page - Integrated Circuit Systems ICS85310AI11L Datasheet HTML 5Page - Integrated Circuit Systems ICS85310AI11L Datasheet HTML 6Page - Integrated Circuit Systems ICS85310AI11L Datasheet HTML 7Page - Integrated Circuit Systems ICS85310AI11L Datasheet HTML 8Page - Integrated Circuit Systems ICS85310AI11L Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
85310AYI-11
www.icst.com/products/hiperclocks.html
REV. E JULY 7, 2005
1
Integrated
Circuit
Systems, Inc.
ICS85310I-11
LOW SKEW, 1-TO-10
DIFFERENTIAL-TO-2.5V/3.3V ECL/LVPECL FANOUT BUFFER
GENERAL DESCRIPTION
The ICS85310I-11 is a low skew, high perfor-
mance 1-to-10 Differential-to-2.5V/3.3V ECL/
LVPECL Fanout Buffer and a member of the
HiPerClockS™ family of High Perfor mance
Clock Solutions from ICS. The CLKx, nCLKx
pairs can accept most standard differential input levels. The
ICS85310I-11 is characterized to operate from either a
2.5V or a 3.3V power supply. Guaranteed output and part-
to-part skew characteristics make the ICS85310I-11 ideal
for those clock distribution applications demanding well de-
fined performance and repeatability.
FEATURES
• 10 differential 2.5V/3.3V LVPECL / ECL outputs
• 2 selectable differential input pairs
• CLKx, nCLKx pairs can accept the following differential
input levels: LVDS, LVPECL, LVHSTL, SSTL, HCSL
• Maximum output frequency: 700MHz
• Translates any single ended input signal to 3.3V
LVPECL levels with resistor bias on nCLK input
• Output skew: 30ps (typical)
• Part-to-part skew: 140ps (typical)
• Propagation delay: 2ns (typical)
• Additive phase jitter, RMS: <0.13ps (typical)
• LVPECL mode operating voltage supply range:
V
CC = 2.375V to 3.8V, VEE = 0V
• ECL mode operating voltage supply range:
V
CC = 0V, VEE = -2.375V to -3.8V
• -40°C to 85°C ambient operating temperature
• Lead-Free package fully RoHS complaint
BLOCK DIAGRAM
PIN ASSIGNMENT
HiPerClockS™
ICS
32 31 30 29 28 27 26 25
9
10 11 12 13 14 15 16
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
Q3
nQ3
Q4
nQ4
Q5
nQ5
Q6
nQ6
VCC
CLK_SEL
CLK0
nCLK0
CLK_EN
CLK1
nCLK1
VEE
32-Lead LQFP
7mm x 7mm x 1.4mm package body
Y Package
Top View
ICS85310I-11
Q0
nQ0
Q1
nQ1
Q2
nQ2
Q3
nQ3
Q4
nQ4
Q5
nQ5
Q6
nQ6
Q7
nQ7
Q8
nQ8
Q9
nQ9
CLK0
nCLK0
0
1
CLK1
nCLK1
CLK_SEL
CLK_EN
D
Q
LE


Similar Part No. - ICS85310AI11L

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS85310AI21N ICST-ICS85310AI21N Datasheet
188Kb / 15P
LOW SKEW, DUAL, 1-TO-5 DIFFERENTIAL-TO-2.5V/3.3V ECL/LVPECL FANOUT BUFFER
REV. D JUNE 30, 2005
More results

Similar Description - ICS85310AI11L

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS85310I-01 ICST-ICS85310I-01 Datasheet
175Kb / 15P
LOW SKEW, 1-TO-10 DIFFERENTIAL-TO-2.5V/3.3V ECL/LVPECL FANOUT BUFFER
REV. F JANUARY16, 2006
ICS853111-02 ICST-ICS853111-02 Datasheet
207Kb / 18P
LOW SKEW, 1-TO-10 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
REV. A JANUARY 10, 2006
ICS853111 ICST-ICS853111 Datasheet
138Kb / 13P
LOW SKEW, 1-TO-10 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
REV. D JULY 22, 2003
ICS853111A ICST-ICS853111A Datasheet
320Kb / 18P
LOW SKEW, 1-TO-10 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
REV. B MAY 14, 2004
ICS853111B ICST-ICS853111B Datasheet
217Kb / 18P
LOW SKEW, 1-TO-10 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
REV. A JUNE 16, 2005
logo
Integrated Device Techn...
ICS853111B IDT-ICS853111B Datasheet
868Kb / 19P
LOW SKEW, 1-TO-10, DIFFERENTIAL-TO- 2.5V, 3.3V LVPECL/ECL FANOUT BUFFER
853S111B IDT-853S111B_16 Datasheet
451Kb / 25P
Low Skew, 1-to-10, Differential-to-2.5V, 3.3V LVPECL/ECL Fanout Buffer
85310I-01 IDT-85310I-01 Datasheet
281Kb / 18P
Low Skew, 1-to-10 Differential-to-3.3V, 2.5V LVPECL/ECL Fanout Buffer
85310I-11 IDT-85310I-11 Datasheet
289Kb / 18P
Low Skew, 1-to-10 Differential-to-3.3V, 2.5V LVPECL/ECL Fanout Buffer
logo
Renesas Technology Corp
85310I-01 RENESAS-85310I-01 Datasheet
430Kb / 19P
Low Skew, 1-to-10 Differential-to-3.3V, 2.5V LVPECL/ECL Fanout Buffer
7/8/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com