Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS5310AI31L Datasheet(PDF) 12 Page - Integrated Circuit Systems

Part # ICS5310AI31L
Description  LOW SKEW, DUAL, 1-TO-5 2.5V/3.3V DIFFERENTIAL-TO-ECL/LVPECL FANOUT BUFFER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS5310AI31L Datasheet(HTML) 12 Page - Integrated Circuit Systems

Back Button ICS5310AI31L Datasheet HTML 8Page - Integrated Circuit Systems ICS5310AI31L Datasheet HTML 9Page - Integrated Circuit Systems ICS5310AI31L Datasheet HTML 10Page - Integrated Circuit Systems ICS5310AI31L Datasheet HTML 11Page - Integrated Circuit Systems ICS5310AI31L Datasheet HTML 12Page - Integrated Circuit Systems ICS5310AI31L Datasheet HTML 13Page - Integrated Circuit Systems ICS5310AI31L Datasheet HTML 14Page - Integrated Circuit Systems ICS5310AI31L Datasheet HTML 15Page - Integrated Circuit Systems ICS5310AI31L Datasheet HTML 16Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
85310AYI-31
www.icst.com/products/hiperclocks.html
REV. D JULY 6, 2005
12
Integrated
Circuit
Systems, Inc.
ICS85310I-31
LOW SKEW, DUAL, 1-TO-5
2.5V/3.3V DIFFERENTIAL-TO-ECL/LVPECL FANOUT BUFFER
3. Calculations and Equations.
LVPECL output driver circuit and termination are shown in Figure 6.
To calculate worst case power dissipation into the load, use the following equations which assume a 50
Ω load, and a termination
voltage of V
CCO
- 2V.
•
For logic high, V
OUT
= V
OH_MAX
= V
CCO_MAX
– 0.935V
(V
CC_MAX
- V
OH_MAX
) = 0.935V
•
For logic low, V
OUT
= V
OL_MAX
= V
CCO_MAX
– 1.67V
(V
CCO_MAX
- V
OL_MAX
) = 1.67V
Pd_H = [(V
OH_MAX
– (V
CCO_MAX
- 2V))/R
L
] * (V
CCO_MAX
- V
OH_MAX
) = [(2V - (V
CCO_MAX
- V
OH_MAX
))/R
L
] * (V
CCO _MAX
- V
OH_MAX
) =
[(2V - 0.935V)/50
Ω] * 0.935V = 19.92mW
Pd_L = [(V
OL_MAX
– (V
CCO_MAX
- 2V))/R
L
] * (V
CCO_MAX
- V
OL_MAX
) = [(2V - (V
CCO_MAX
- V
OL_MAX
))/R
L
] * (V
CCO_MAX
- V
OL_MAX
) =
[(2V - 1.67V)/50
Ω] * 1.67V = 11.02mW
Total Power Dissipation per output pair = Pd_H + Pd_L = 30.94mW
Figure 6. LVPECL Driver Circuit and Termination
Q1
V
OUT
V
CCO
RL
50
V
CCO - 2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com