Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS5310AI31L Datasheet(PDF) 16 Page - Integrated Circuit Systems

Part # ICS5310AI31L
Description  LOW SKEW, DUAL, 1-TO-5 2.5V/3.3V DIFFERENTIAL-TO-ECL/LVPECL FANOUT BUFFER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS5310AI31L Datasheet(HTML) 16 Page - Integrated Circuit Systems

Back Button ICS5310AI31L Datasheet HTML 8Page - Integrated Circuit Systems ICS5310AI31L Datasheet HTML 9Page - Integrated Circuit Systems ICS5310AI31L Datasheet HTML 10Page - Integrated Circuit Systems ICS5310AI31L Datasheet HTML 11Page - Integrated Circuit Systems ICS5310AI31L Datasheet HTML 12Page - Integrated Circuit Systems ICS5310AI31L Datasheet HTML 13Page - Integrated Circuit Systems ICS5310AI31L Datasheet HTML 14Page - Integrated Circuit Systems ICS5310AI31L Datasheet HTML 15Page - Integrated Circuit Systems ICS5310AI31L Datasheet HTML 16Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
85310AYI-31
www.icst.com/products/hiperclocks.html
REV. D JULY 6, 2005
16
Integrated
Circuit
Systems, Inc.
ICS85310I-31
LOW SKEW, DUAL, 1-TO-5
2.5V/3.3V DIFFERENTIAL-TO-ECL/LVPECL FANOUT BUFFER
T
E
E
H
S
Y
R
O
T
S
I
H
N
O
I
S
I
V
E
R
v
e
Re
l
b
a
Te
g
a
Pe
g
n
a
h
C
f
o
n
o
i
t
p
i
r
c
s
e
De
t
a
D
A9
.
s
t
u
p
t
u
O
L
C
E
P
V
L
r
o
f
n
o
i
t
a
n
i
m
r
e
T
d
e
d
d
A
2
0
/
0
3
/
5
A
0
1
3
5
8
S
C
I
o
t
1
3
-
0
1
3
5
8
S
C
I
m
o
r
f
r
e
b
m
u
n
t
r
a
p
d
e
t
a
d
p
UI
a
t
a
d
e
h
t
t
u
o
h
g
u
o
r
h
t
1
3
-
.
e
r
u
t
a
r
e
p
m
e
t
g
n
i
t
a
r
e
p
o
t
c
e
l
f
e
r
o
t
t
e
e
h
s
2
0
/
4
2
/
7
A9
T4
1.
1
3
I
Y
A
0
1
3
5
8
S
C
I
o
t
1
3
-
I
Y
A
0
1
3
5
8
S
C
I
m
o
r
f
g
n
i
k
r
a
M
d
e
t
c
e
r
r
o
C
2
0
/
5
2
/
7
B
A
4
T4
0
1
I
r
o
f
e
u
l
a
v
.
x
a
m
d
e
s
a
e
r
c
n
i
-
e
l
b
a
t
y
l
p
p
u
S
r
e
w
o
P
E
E
.
x
a
m
A
m
0
3
m
o
r
f
A
m
0
2
1
o
t
I
d
e
s
a
e
r
c
n
i
e
h
t
o
t
d
e
t
s
u
j
d
a
-
e
r
e
v
a
h
s
n
o
i
t
a
r
e
d
i
s
n
o
C
r
e
w
o
P
E
E
.
e
u
l
a
v
2
0
/
3
2
/
0
1
C
2
T
D
4
T
2
4
5
9
&
8
1
1
&
0
1
4
1
.
l
a
c
i
p
y
t
F
p
4
o
t
.
x
a
m
F
p
4
d
e
g
n
a
h
c
-
e
l
b
a
T
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
n
i
P
.
s
g
n
i
t
a
R
m
u
m
i
x
a
M
e
t
u
l
o
s
b
A
d
e
t
a
d
p
U
V
d
e
g
n
a
h
c
-
e
l
b
a
T
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
C
D
L
C
E
P
V
L
G
N
I
W
S
.
x
a
m
V
0
.
1
o
t
.
x
a
m
V
5
8
.
0
m
o
r
f
,
d
e
d
d
a
n
o
i
t
c
e
s
n
o
i
t
a
c
il
p
p
A
s
t
u
p
t
u
O
L
C
E
P
V
L
V
5
.
2
r
o
f
n
o
i
t
a
n
i
m
r
e
T
d
n
a
.
e
c
a
f
r
e
t
n
I
t
u
p
n
I
k
c
o
l
C
l
a
i
t
n
e
r
e
f
f
i
D
.
V
8
.
3
r
o
f
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
l
a
t
o
T
d
e
t
a
l
u
c
l
a
c
e
r
-
s
n
o
i
t
a
r
e
d
i
s
n
o
C
r
e
w
o
P
o
t
1
3
I
Y
A
0
1
3
5
8
S
C
I
m
o
r
f
g
n
i
k
r
a
m
d
e
t
c
e
r
r
o
c
-
e
l
b
a
T
n
o
i
t
a
m
r
o
f
n
I
g
n
i
r
e
d
r
O
.
1
3
-
I
A
0
1
3
5
8
S
C
I
3
0
/
1
3
/
7
D
5
T
9
T
1
5
6
4
1
.
t
e
ll
u
b
e
e
r
F
-
d
a
e
L
d
n
a
t
e
ll
u
b
r
e
t
t
i
J
e
s
a
h
P
e
v
i
t
i
d
d
A
d
e
d
d
a
-
n
o
i
t
c
e
S
s
e
r
u
t
a
e
F
.
w
o
r
r
e
t
t
i
J
e
s
a
h
P
e
v
i
t
i
d
d
A
d
e
d
d
a
-
e
l
b
a
T
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
C
A
.
n
o
i
t
c
e
S
r
e
t
t
i
J
e
s
a
h
P
e
v
i
t
i
d
d
A
d
e
d
d
A
.
e
t
o
N
d
n
a
r
e
b
m
u
N
t
r
a
P
e
e
r
F
-
d
a
e
L
d
e
d
d
a
-
e
l
b
a
T
n
o
i
t
a
m
r
o
f
n
I
g
n
i
r
e
d
r
O
5
0
/
6
/
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com